Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 3 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 3 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Block Diagram
Power Supply Diagram
Vss
Vdd
V0
RS
R/W
E
CS1
CS2
RSTB
PIN19
PIN20
128 X64
LCD PANEL
COM1
COM64
SEG1
SEG128
U3
U1
U2
LED BACKLIGHT
DC TO DC
CIRCUIT
CS1
DB0-DB7
CS2
RS R/W E RSTB
DB0
DB7
8
64
64
64
R
Vee
RPOT: 10K-20K
+5V
VDD
VEE
V0
VSS
RPOT
SINGLE SUPPLY TYPES
-
5V
1
Vss
GND
2
Vdd
Power Supply for LCM
5.0V
3
V0
Contrast Adjust
4
RS
Register Select Signal
5
R/W
Data Read / Write
6
E
Enable Signal
7
DB0
Data bus Line
8
DB1
Data bus Line
9
DB2
Data bus Line
10
DB3
Data bus Line
11
DB4
Data bus Line
12
DB5
Data bus Line
13
DB6
Data bus Line
14
DB7
Data bus Line
15
CS1
When CS1=H, CS2=L, Select U1
16
CS2
When CS1=L, CS2=H, Select U2
17
RST
Reset Signal
18
VEE
Negative Voltage Output
19
LED+
Power Supply for BKL
5.0V
20
LED-
Power Supply for BKL
Pin Layout
MC128064A6W-SPTLY-V2
128 x 64
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com