Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 4 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 4 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Attention: It is constant current, not constant voltage, which should be applied when driving
the LED backlight, please ensure you adhere to this rule.
Absolute Maximum Ratings
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply ( LOGIC)
Vdd
25
°C
-0.3
---
7.0
V
Power Supply (LCD)
V0
25
°C
Vdd -1
9.00
---
Vdd +0.3
V
Input Voltage
Vin
25
°C
-0.3
---
Vdd +0.3
V
Operating Temperature
Vopr
---
-20
---
70
C
Storage Temperature
Vstg
---
-30
---
80
C
Electronic Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Input Voltage
Vlcm = Vdd
---
---
5.0
---
V
Supply Current
Idd
Vdd=
5V
---
6.0
---
mA
Driving Voltage for
LCD Panel
Vlcd = (Vdd - V0)
-20
°C
8.40
---
8.80
V
0
°C
---
---
25
°C
8.00
---
8.40
50
°C
---
---
---
70
°C
7.80
---
8.40
LCD Characteristics
For STN/FSTN LCD Panel Types
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing Angle
Φ2 – Φ1
K = 4
40°
---
---
Deg
Θ
60°
Contrast Ratio
K
---
---
10
---
---
Response Time (Rise)
TR
---
---
150
250
ms
Response Time (Fall)
TF
---
---
150
250
ms
---
LED Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
LED Forward Voltage
Vf
25
°C If=10mA
---
3.0
---
V
LED Forward Current*
If
25
°C
---
10
---
mA
LED Reverse Current
Ir
25
°C Vr=5.0V
---
---
30
µA
LED Peak Wave Length
λp
25
°C If=10mA
569
---
575
nm
LED Brightness (Without LCD)
Lv
25
°C If=10mA
---
135
---
cd/m2
LED Brightness Uniformity
Lvmin/Lvmax
25
°C If=10mA
70
---
---
Ratio
LED Life Time
25
°C If=10mA
20K
---
---
Hours
---
MC128064B6W-SPTLY-V2
128 x 64
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com