Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 3 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 3 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components VBWFD1 Datasheet HTML 5Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Block Diagram
Power Supply Diagram
1
Vdd
Power Supply for LCM
2
V0
Contrast Adjust
5.0V
3
WR
Data Write
4
RD
Data Read
5
CE
Chip Enable
6
C/D
Command / Data Select
7
RST
Reset Signal
8
DB0
Data bus Line
9
DB1
Data bus Line
10
DB
2
Data bus Line
11
DB
3
Data bus Line
12
DB
4
Data bus Line
13
DB
5
Data bus Line
14
DB
6
Data bus Line
15
Vee
Negative Voltage Output
16
Vss
Power Supply for LCM
17
DB7
Data bus Line
18
FS
Font Selection
19
LED+
Power Supply for BKL
5.0V
20
LED-
Power Supply for BKL
Pin Layout
+5V
VDD
VEE
V0 VSS
RPOT
SINGLE SUPPLY TYPES
VDD-VO: LCD DRIVING
VOLTAGE RPOT: 10K-20K
WR
RD
CE
C/D
DB0-DB7
FS
RSTB
64K SRAM
SEG
DRIVER
LED BACKLIGHTING
128 X 64
LCD PANEL
SEG
DRIVER
R
80
48
Vss
Vdd
V0
PIN19
COM
DRIVER
64
PIN20
DC TO DC
-
5V
CIRCUIT
Vee
MC128064D6W-BNMLW-V2
128 x 64
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
Font Set
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com