Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1530-8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 1530-8
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1530-8 Datasheet(HTML) 2 Page - STMicroelectronics

  1530-8 Datasheet HTML 1Page - STMicroelectronics 1530-8 Datasheet HTML 2Page - STMicroelectronics 1530-8 Datasheet HTML 3Page - STMicroelectronics 1530-8 Datasheet HTML 4Page - STMicroelectronics 1530-8 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test C onditions
Va lue
Unit
Min.
Ty p.
Ma x.
POUT
f
= 1025 − 1150 MHz PIN = 5.0 W
VCE
= 50 V
35
—
—
W
PG
f
= 1025 − 1150 MHz PIN = 5.0 W
VCE
= 50 V
8.5
—
—
dB
ηcf = 1025 − 1150 MHz P
IN
= 5.0 W
VCE
= 50 V
30
—
—
%
Note:
Pulse W idth
= 10µSec, Duty Cycle = 1%
T his device is suitable for use under other pulse wi dth/duty cycle conditi ons.
Please contact the factor y for specific applications assistance.
STATIC
Symbol
Test Condi tions
Value
Unit
Min.
Typ.
Max .
BVCBO
IC
= 10 mA
IE
= 0mA
65
—
—
V
BVCES
IC
= 25 mA
VBE
= 0 V
65
—
—
V
BVEBO
IE
= 1mA
IC
= 0mA
3.5
—
—
V
ICES
VCE
= 50 V
IE
= 0mA
—
—
5
mA
hFE
VCE
= 5V
IC
= 500 mA
10
—
200
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
SD1530-08
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com