Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11BGP09T4D024 Datasheet(PDF) 2 Page - LOVATO Electric S.p.A.

Part # 11BGP09T4D024
Description  FOUR-POLE CONTACTOR, DC COIL, 24VDC, REAR PCB SOLDER PIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

11BGP09T4D024 Datasheet(HTML) 2 Page - LOVATO Electric S.p.A.

  11BGP09T4D024 Datasheet HTML 1Page - LOVATO Electric S.p.A. 11BGP09T4D024 Datasheet HTML 2Page - LOVATO Electric S.p.A. 11BGP09T4D024 Datasheet HTML 3Page - LOVATO Electric S.p.A. 11BGP09T4D024 Datasheet HTML 4Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
max
12
Flexible w/o lug conductor section
min
mm²
0.8
max
mm²
2.5
Flexible c/w lug conductor section
min
mm²
1.5
max
mm²
2.5
Flexible with insulated spade lug conductor section
min
mm²
1.5
max
mm²
2.5
Power terminal protection according to IEC/EN 60529
IP00
Mechanical features
Operating position
normal
Vertical plan
allowable
±30°
Fixing
Screw / DIN rail
35mm
Weight
g
242
Auxiliary contact characteristics
Thermal current Ith
A
10
IEC/EN 60947-5-1 designation
Q600
Operations
Mechanical life
cycles
20000000
Electrical life
cycles
500000
Safety related data
Performance level B10d according to EN/ISO 13489-1
rated load
cycles
500000
mechanical load
cycles
20000000
EMC compatibility
yes
DC coil operating
DC rated control voltage
V
24
DC operating voltage
pick-up
min
%Us
75
max
%Us
115
drop-out
min
%Us
10
max
%Us
25
Average coil consumption ≤20°C
in-rush
W
3.2
holding
W
3.2
Max cycles frequency
Mechanical operation
cycles/h 3600
Operating times
Average time for Us control
in AC
Closing NO
min
ms
12
max
ms
21
Opening NO
min
ms
9
max
ms
18
Closing NC
min
ms
17
11BGP09T4D024
FOUR-POLE CONTACTOR, DC COIL, 24VDC, REAR PCB SOLDER PIN
11BGP09T4D024
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com