Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLBCSC08 Datasheet(PDF) 2 Page - Protek Devices

Part # GLBCSC08
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GLBCSC08 Datasheet(HTML) 2 Page - Protek Devices

  GLBCSC08 Datasheet HTML 1Page - Protek Devices GLBCSC08 Datasheet HTML 2Page - Protek Devices GLBCSC08 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
05246.R3 1/08
www.protekdevices.com
GBLCSC03
thru
GBLCSC08C
DEVICE CHARACTERISTICS
SYMBOL
VALUE
UNITS
PARAMETER
Peak Pulse Power (tp = 8/20µs) - See Figure 1
PPP
200
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Storage Temperature
TSTG
-55°C to 150°C
°C
Operating Temperature
°C
-55°C to 150°C
T
A
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
10
100
1,000
10,000
200W, 8/20µs Waveform
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
Note 1: Part numbers with an additional “C” suffix are bidirectional devices, i.e., GBLCSC05C. For other voltages contact factory.
Note 2:
For Bidirectional Devices Only: Electrical characteristics apply in both directions.
PART
NUMBER
(See Note 1
& Note 2)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
T
pF
GBLCSC03
GBLCSC03C
GBLCSC05
GBLCSC05C
GLBCSC08
GBLCSC08C
3
H
5
O
I
K
4.0
4.0
6.0
6.0
8.5
8.5
13.0V @ 10.0A
13.0V @ 10.0A
16.0V @ 10.0A
16.0V @ 10.0A
--
--
1.5
1.5
1.5
1.5
1.5
1.5
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
1.0
1.0
1.0
1.0
1.0
1.0
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
3.3
5.0
5.0
8.0
8.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com