Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T77K Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LS-T77K
Description  LS T77K
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-T77K Datasheet(HTML) 1 Page - ams-OSRAM AG

  LS-T77K Datasheet HTML 1Page - ams-OSRAM AG LS-T77K Datasheet HTML 2Page - ams-OSRAM AG LS-T77K Datasheet HTML 3Page - ams-OSRAM AG LS-T77K Datasheet HTML 4Page - ams-OSRAM AG LS-T77K Datasheet HTML 5Page - ams-OSRAM AG LS-T77K Datasheet HTML 6Page - ams-OSRAM AG LS-T77K Datasheet HTML 7Page - ams-OSRAM AG LS-T77K Datasheet HTML 8Page - ams-OSRAM AG LS-T77K Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LS T77K
1 Version 1.3 | 2019-07-22
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LS T77K
TOPLED® Reverse Gullwing
—
Electronic Equipment
Features:
—
Package: white PLCC-2 package, colorless clear resin
—
Chip technology: InGaAlP
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 630 nm (● super red)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LS-T77K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-T77K OSRAM-LS-T77K Datasheet
457Kb / 19P
white PLCC-2 package, colorless clear resin
More results

Similar Description - LS-T77K

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
LS01-1B85-PP-5000W MEDER-LS01-1B85-PP-5000W Datasheet
130Kb / 1P
LS Level Sensor
LS02-1B66-PP-500W MEDER-LS02-1B66-PP-500W Datasheet
55Kb / 1P
LS Level Sensor
LS02-1B66-PP-1000W MEDER-LS02-1B66-PP-1000W Datasheet
55Kb / 1P
LS Level Sensor
LS02-1B84-PA-1500W MEDER-LS02-1B84-PA-1500W Datasheet
56Kb / 1P
LS Level Sensor
LS02-1B85-PA-1500W MEDER-LS02-1B85-PA-1500W Datasheet
61Kb / 1P
LS Level Sensor
LS02-1B85-PP-5000W MEDER-LS02-1B85-PP-5000W Datasheet
113Kb / 1P
LS Level Sensor
LS03-1A66-PP-4000W MEDER-LS03-1A66-PP-4000W Datasheet
127Kb / 1P
LS Level Sensor
LS03-1A66-PP-5000W MEDER-LS03-1A66-PP-5000W Datasheet
128Kb / 1P
LS Level Sensor
LS03-1A85-PA-500W MEDER-LS03-1A85-PA-500W Datasheet
128Kb / 1P
LS Level Sensor
LS03-1A85-PA-1000W MEDER-LS03-1A85-PA-1000W Datasheet
129Kb / 1P
LS Level Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com