Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSY-T676 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LSY-T676
Description  Multi TOPLED®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LSY-T676 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LSY-T676 Datasheet HTML 2Page - ams-OSRAM AG LSY-T676 Datasheet HTML 3Page - ams-OSRAM AG LSY-T676 Datasheet HTML 4Page - ams-OSRAM AG LSY-T676 Datasheet HTML 5Page - ams-OSRAM AG LSY-T676 Datasheet HTML 6Page - ams-OSRAM AG LSY-T676 Datasheet HTML 7Page - ams-OSRAM AG LSY-T676 Datasheet HTML 8Page - ams-OSRAM AG LSY-T676 Datasheet HTML 9Page - ams-OSRAM AG LSY-T676 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LSY T676
DATASHEET
DATASHEET
6 | Version 1.4 | 2024-11-21
Brightness Groups
Color of emission
Group
Luminous Intensity 1)
Luminous Intensity 1)
Luminous Flux 6)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
● super red
P2
56 mcd
71 mcd
190 mlm
● super red
Q1
71 mcd
90 mcd
240 mlm
● super red
Q2
90 mcd
112 mcd
300 mlm
● super red
R1
112 mcd
140 mcd
380 mlm
● yellow
Q2
90 mcd
112 mcd
300 mlm
● yellow
R1
112 mcd
140 mcd
380 mlm
● yellow
R2
140 mcd
180 mcd
480 mlm
● yellow
S1
180 mcd
224 mcd
610 mlm
Wavelength Groups
● super red
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
1
627 nm
634 nm
Wavelength Groups
● yellow
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
3
583 nm
586 nm
4
586 nm
589 nm
5
589 nm
592 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com