Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSY T67B-R2S2-1+S2T2-26 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LSY T67B-R2S2-1+S2T2-26
Description  Multi TOPLED®
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LSY T67B-R2S2-1+S2T2-26 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 6Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 7Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 8Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 9Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 10Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 11Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 12Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 13Page - ams-OSRAM AG LSY T67B-R2S2-1+S2T2-26 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2012-11-14
10
LSY T67B
Empfohlenes Lötpaddesign
8) Seite 15
IR Reflow Löten
Recommended Solder Pad
8) page 15
IR Reflow Soldering
Empfohlenes Lötpaddesign
8) Seite 15
Wellenlöten (TTW)
Recommended Solder Pad
8) page 15
TTW Soldering
OHLPY439
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
1.1 (0.043)
2.6 (0.102)
3.3 (0.130)
0.4 (0.016)
Cathode marking
Kathoden Markierung /
Cu Fläche / 12 mm per pad
2
Cu-area
_
<
3.3 (0.130)
OHAY0583
6.1 (0.240)
2.8 (0.110)
3.5 (0.138)
2.8 (0.110)
0.5 (0.020)
7.5 (0.295)
Solder resist
Lötstoplack
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
2
Cu Fläche / > 12 mm per pad
Cu-area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com