Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4119 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IST4119
Description  isc Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4119 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IST4119 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4119 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4119 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc
Thyristor
IST4119
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
--
5
μA
VR=VRRM, Tj=125
°C
--
4
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
--
5
μA
VD=VDRM, Tj=125
°C
--
4
mA
IGT
Gate trigger current
VD=12V, RL=100Ω
--
30
mA
VGT
Gate trigger voltage
--
1.5
V
IH
Holding current
IT=0.5A
--
60
mA
IL
Latching current
IG=1.2IGT
--
90
mA
VTM
On-state voltage
ITM= 75A
--
1.6
V
PACKAGE OUTLINE (Dimensions in mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com