Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT-E63C Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LT-E63C
Description  Power TOPLED® Lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-E63C Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LT-E63C Datasheet HTML 2Page - ams-OSRAM AG LT-E63C Datasheet HTML 3Page - ams-OSRAM AG LT-E63C Datasheet HTML 4Page - ams-OSRAM AG LT-E63C Datasheet HTML 5Page - ams-OSRAM AG LT-E63C Datasheet HTML 6Page - ams-OSRAM AG LT-E63C Datasheet HTML 7Page - ams-OSRAM AG LT-E63C Datasheet HTML 8Page - ams-OSRAM AG LT-E63C Datasheet HTML 9Page - ams-OSRAM AG LT-E63C Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT E63C
DATASHEET
DATASHEET
6 | Version 1.6 | 2022-09-21
Brightness Groups
Group
Partial Flux 1)
Partial Flux 1)
Luminous Flux 6)
I
F = 30 mA
I
F = 30 mA
I
F = 30 mA
min.
max.
typ.
E
v
E
v
Φ
V
BA
1800 lx
2240 lx
500 mlm
BB
2240 lx
2800 lx
600 mlm
CA
2800 lx
3550 lx
800 mlm
CB
3550 lx
4500 lx
1000 mlm
DA
4500 lx
5600 lx
1300 mlm
DB
5600 lx
7100 lx
1600 mlm
For test method of partial flux measurement see Application Note: AN014 Partial flux — Measurement reliability of lensed
LEDs
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 30 mA
I
F = 30 mA
min.
max.
V
F
V
F
2
2.90 V
3.30 V
3
3.30 V
3.80 V
4
3.80 V
4.40 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 30 mA
I
F = 30 mA
min.
max.
λ
dom
λ
dom
3
516 nm
522 nm
4
522 nm
528 nm
5
528 nm
534 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com