Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT-L29S Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LT-L29S
Description  SMARTLED® 0603
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-L29S Datasheet(HTML) 2 Page - ams-OSRAM AG

  LT-L29S Datasheet HTML 1Page - ams-OSRAM AG LT-L29S Datasheet HTML 2Page - ams-OSRAM AG LT-L29S Datasheet HTML 3Page - ams-OSRAM AG LT-L29S Datasheet HTML 4Page - ams-OSRAM AG LT-L29S Datasheet HTML 5Page - ams-OSRAM AG LT-L29S Datasheet HTML 6Page - ams-OSRAM AG LT-L29S Datasheet HTML 7Page - ams-OSRAM AG LT-L29S Datasheet HTML 8Page - ams-OSRAM AG LT-L29S Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT L29S
DATASHEET
DATASHEET
2 | Version 1.4 | 2022-11-17
SMARTLED® 0603
LT L29S
The innovative SMARTLED 0603 joins the successful family of
TOPLED. Invested with the same high quality, its unique fea-
tures are due to set new standards in product development and
design, opening up new applications on a new scale.
Applications
- Access Control & Security
- Appliances & Tools
- Factory Automation
- Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
Features
- Package: SMT package 0603, colorless diffused resin
- Chip technology: InGaN
- Typ. Radiation: 155° (horizontal), 135° (vertical)
- Color: λ
dom = 528 nm (● true green)
- Optical efficacy: 7 lm/W
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com