Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MMBTA42
Description  Small signal NPN transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MMBTA42 Datasheet(HTML) 3 Page - STMicroelectronics

  MMBTA42_07 Datasheet HTML 1Page - STMicroelectronics MMBTA42_07 Datasheet HTML 2Page - STMicroelectronics MMBTA42_07 Datasheet HTML 3Page - STMicroelectronics MMBTA42_07 Datasheet HTML 4Page - STMicroelectronics MMBTA42_07 Datasheet HTML 5Page - STMicroelectronics MMBTA42_07 Datasheet HTML 6Page - STMicroelectronics MMBTA42_07 Datasheet HTML 7Page - STMicroelectronics MMBTA42_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMBTA42
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (2) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = 200 V
100
nA
V(BR)CBO
Collector-base
breakdown voltage
(IE =0)
IC = 100 µA
300
V
V(BR)CEO
(2)
Collector-emitter
breakdown voltage
(IB =0)
IC = 1 mA
300
V
V(BR)EBO
Emitter-base breakdown
voltage
(IC =0)
IC = 100 µA6
V
VCE(sat)
(2)
Collector-emitter
saturation voltage
IC = 20 mA
IB = 2 mA
0.5
V
VBE(sat)
(2)
Base-emitter saturation
voltage
IC = 20 mA
IB = 2 mA
0.9
V
hFE
(2)
DC current gain
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 30 mA
VCE = 10 V
25
40
40
fT
Transition frequency
IC = 10 mA
VCE = 20 V
f = 100 MHz
50
MHz
CCBO
Collector-base
capacitance
(IE = 0)
VCB = 20 V
f = 1 MHz
3pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com