Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57018STR-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # PD57018STR-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018STR-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PD57018STR-E Datasheet HTML 13Page - STMicroelectronics PD57018STR-E Datasheet HTML 14Page - STMicroelectronics PD57018STR-E Datasheet HTML 15Page - STMicroelectronics PD57018STR-E Datasheet HTML 16Page - STMicroelectronics PD57018STR-E Datasheet HTML 17Page - STMicroelectronics PD57018STR-E Datasheet HTML 18Page - STMicroelectronics PD57018STR-E Datasheet HTML 19Page - STMicroelectronics PD57018STR-E Datasheet HTML 20Page - STMicroelectronics PD57018STR-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PD57018-E, PD57018S-E
Common source s-parameter
17/28
7.2
PD57018S (VDS = 28V IDS = 0.8A)
Table 9.
S-parameter
Freq (MHz)
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
50
0.872
-113
37.19
114
0.019
25
0.519
-103
100
0.843
-142
20.40
93
0.021
5
0.509
-129
150
0.843
-153
13.58
81
0.020
-6
0.537
-137
200
0.852
-159
9.96
72
0.019
-13
0.576
-141
250
0.862
-163
7.72
64
0.019
-18
0.618
-144
300
0.871
-166
6.17
58
0.017
-26
0.658
147
350
0.883
-168
5.06
52
0.015
-28
0.697
-149
400
0.893
-170
4.23
46
0.014
-30
0.729
-151
450
0.903
-171
3.59
41
0.013
-34
0.760
-154
500
0.910
-173
3.08
37
0.012
-35
0.785
-157
550
0.917
-174
2.66
33
0.011
-38
0.808
-157
600
0.923
-175
2.34
29
0.010
-41
0.828
-159
650
0.929
-176
2.06
25
0.008
-40
0.844
-161
700
0.932
-177
1.84
22
0.007
-41
0.858
-162
750
0.937
-179
1.64
19
0.006
-40
0.879
-169
800
0.939
-179
1.48
16
0.005
-32
0.882
-165
850
0.942
-180
1.34
14
0.005
-34
0.891
-166
900
0.942
179
1.22
11
0.003
-37
0.898
-168
950
0.944
178
1.12
9
0.003
-17
0.906
-169
1000
0.947
177
1.04
6
0.003
-5
0.910
-170
1050
0.947
176
0.95
4
0.003
24
0.918
-171
1100
0.949
175
0.89
2
0.003
32
0.920
-172
1150
0.949
175
0.82
0
0.003
49
0.924
-173
1200
0.949
174
0.77
-2
0.004
55
0.930
-173
1250
0.947
173
0.73
-4
0.005
62
0.933
-174
1300
0.947
172
0.68
-6
0.005
63
0.937
-176
1350
0.948
171
0.65
-9
0.005
74
0.935
-176
1400
0.949
171
0.61
-11
0.006
73
0.937
-177
1450
0.947
170
0.57
-13
0.006
74
0.938
-178
1500
0.944
169
0.54
-15
0.005
86
0.937
-179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com