Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1538-2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1538-2
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1538-2 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1538-2 Datasheet HTML 1Page - STMicroelectronics SD1538-2 Datasheet HTML 2Page - STMicroelectronics SD1538-2 Datasheet HTML 3Page - STMicroelectronics SD1538-2 Datasheet HTML 4Page - STMicroelectronics SD1538-2 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C1, C2 : .6 - 4.5pF Gigatrim
C3
: .100 x .100 120pF Chip Capacitor
C4
: .100 x .100 470pF Chip Capacitor
C5
: 100mF Electrolytic
L1
: #20 AWG
L2
: 3 Turns, #20 AWG Wound on #32 Drill Bit
Z1
: .195 x .415
Z2
: .685 x .230
Z3
: .080 x .105
Z4
: .845 x .345
Z5
: .640 x .470
Z6
: .070 x .405
Z7
: .740 x .180
Z8
: .50 x .325
TEST CIRCUIT AND PC BOARD LAYOUT
SD1538-02
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com