Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T30LL Datasheet(PDF) 1 Page - HellermannTyton.

Part # T30LL
Description  Cable ties for outdoor use (UV-resistant)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

T30LL Datasheet(HTML) 1 Page - HellermannTyton.

  T30LL Datasheet HTML 1Page - HellermannTyton. T30LL Datasheet HTML 2Page - HellermannTyton. T30LL Datasheet HTML 3Page - HellermannTyton. T30LL Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
42
1.1
Add items to your watchlist!
www.HT.click/9-42?q=2
Cable Ties and Fixings
Cable ties, inside serrated
These inside serrated cable ties are made of UV-resistant Polyamide 6.6
(PA66W/UV) and thus suitable for outdoor applications. UV stabilised
cable ties resist UV radiation for a considerably longer period compared
to standard PA66 cable ties. They can easily be used for bundling and
securing cables, pipes and hoses especially in outdoor areas.
Features and benefits
• UV-resistant black cable tie available in a wide range of sizes
• Made from 100 % high quality plastic, allows for good recycling
• Inside serration for a strong hold onto bundles
• Easy application either manually or with a processing tool
• Simple to insert due to bent tail
Cable ties for outdoor use (UV-resistant)
UV-resistant T-Series cable ties (PA66W/UV).
T-Series in PA66W/UV black
T-Series
L
W
T250-series
L
W
TYPE
Width
(W)
Length
(L)
Bundle Ø
max.
Material
Colour
Pack
Cont.
Tools
Article-No.
T18R
2.5
100.0
22.0
80
PA66W
Black (BK)
100 pcs.
2;5-6;25
111-01960
T18I
2.5
145.0
35.0
80
PA66W
Black (BK)
100 pcs.
2;5-6;25
111-02360
T18L
2.5
205.0
50.0
80
PA66W
Black (BK)
100 pcs.
2;5;25
111-02160
T25LL
2.8
330.0
95.0
110
PA66W
Black (BK)
100 pcs.
2;5-6
111-02660
T30R
3.5
150.0
35.0
135
PA66W
Black (BK)
100 pcs.
2;5-6;25
111-03260
T30L
3.5
198.0
50.0
135
PA66W
Black (BK)
100 pcs.
2;5-6;25
111-03460
T30LL
3.5
290.0
80.0
135
PA66W
Black (BK)
100 pcs.
2;5-6;25
111-03570
T40R
4.0
175.0
40.0
180
PA66W
Black (BK)
100 pcs.
2;5-6;8;25
111-01625
T50S
4.6
150.0
35.0
225
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10;25
111-05860
T50R
4.6
200.0
50.0
225
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10;25
111-04889
T50M
4.6
245.0
65.0
225
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10;25
111-06206
T50I
4.6
300.0
85.0
225
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10;25
111-05260
T50L
4.6
390.0
110.0
225
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10;25
111-05440
T50LL
4.6
445.0
130.0
225
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10;25
111-06000
T80R
4.7
210.0
55.0
355
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-05060
T80I
4.7
305.0
85.0
355
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-08290
T80L
4.7
390.0
110.0
355
PA66W
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-05460
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
Material specification
please see page 26.
Specific part numbers according to
EN45545 available on request.
For product specific approvals and specifications please refer to the Appendix.


Similar Part No. - T30LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T30LL ETC2-T30LL Datasheet
701Kb / 2P
Military Spectification Ties
logo
HellermannTyton.
T30LL HELLERMANNTYTON-T30LL Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
T30LL HELLERMANNTYTON-T30LL Datasheet
204Kb / 4P
Cable ties for temperatures up to 105°C (heatstabilised)
December 2021
T30LL HELLERMANNTYTON-T30LL Datasheet
212Kb / 4P
Features and benefits
December 2021
T30LL HELLERMANNTYTON-T30LL Datasheet
2Mb / 10P
Cable Ties inside serrated
April 2011
More results

Similar Description - T30LL

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6298 3M-6298 Datasheet
71Kb / 4P
3M Cable Ties are molded from 6/6 nylon and are available in a variety of sizes and styles, including weather resistant black for outdoor use.
Sep-2011
logo
Grayhill, Inc
37F1-AB2-AC1 GRAYHILL-37F1-AB2-AC1 Datasheet
396Kb / 2P
Fully Sealed Virtually Indestructible Vandal Resistant Indoor and Outdoor Use
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
logo
Taoglas antenna solutio...
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
Tripp Lite. All Rights ...
N206-WK01-IND TRIPPLITE-N206-WK01-IND Datasheet
164Kb / 2P
Cable Assembly Kit - Water Resistant, IP67, Outdoor Cable, TAA
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com