Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T30LL Datasheet(PDF) 2 Page - HellermannTyton.

Part # T30LL
Description  Cable ties for temperatures up to 105°C (heatstabilised)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

T30LL Datasheet(HTML) 2 Page - HellermannTyton.

  T30LL Datasheet HTML 1Page - HellermannTyton. T30LL Datasheet HTML 2Page - HellermannTyton. T30LL Datasheet HTML 3Page - HellermannTyton. T30LL Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
45
1.1
Add items to your watchlist!
www.HT.click/9-45?q=2
Cable Ties and Fixings
Cable ties, inside serrated
Cable ties for temperatures up to + 105°C (heat
stabilised)
T-Series in PA66HS natural and black
T-Series
L
W
TYPE
Width
(W)
Length
(L)
Bundle Ø
max.
Material
Colour
Pack
Cont.
Tools
Article-No.
T80R
4.7
210.0
55.0
355
PA66HS
Black (BK)
1,000 pcs.
2-3;5-6;8;10-12;25
117-08070
4.7
210.0
55.0
355
PA66HS
Natural (NA)
100 pcs.
2-3;5-6;8;10-12;25
111-05059
T80I
4.7
305.0
85.0
355
PA66HS
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-08250
4.7
305.0
85.0
355
PA66HS
Natural (NA)
100 pcs.
2-3;5-6;8;10-12;25
111-08259
T80L
4.7
390.0
110.0
355
PA66HS
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-00388
4.7
390.0
110.0
355
PA66HS
Natural (NA)
100 pcs.
2-3;5-6;8;10-12;25
111-05459
T120S
7.6
225.0
55.0
535
PA66HS
Black (BK)
50 pcs.
3;6;10-12;25
111-12850
T150R(H)
7.6
365.0
100.0
670
PA66HS
Black (BK)
100 pcs.
3;6;10-12;25
111-15050
7.6
365.0
100.0
670
PA66HS
Natural (NA)
100 pcs.
3;6;10-12;25
111-15069
T120R(E)
7.6
387.0
100.0
535
PA66HS
Black (BK)
100 pcs.
3;6;10-12;25
111-12050
7.6
387.0
100.0
535
PA66HS
Natural (NA)
100 pcs.
3;6;10-12;25
111-12059
T120M
7.6
460.0
125.0
535
PA66HS
Black (BK)
100 pcs.
3;6;10-12;25
111-00153
T120XM
7.6
600.0
175.0
535
PA66HS
Black (BK)
50 pcs.
3;6;10-12;25
111-12700
7.6
600.0
175.0
535
PA66HS
Natural (NA)
50 pcs.
3;6;10-12;25
111-12719
T120L
7.6
760.0
225.0
535
PA66HS
Natural (NA)
50 pcs.
3;6;10-12;25
111-12449
7.6
760.0
225.0
535
PA66HS
Black (BK)
50 pcs.
3;6;10-12;25
111-12440
T150M
8.9
530.0
150.0
780
PA66HS
Black (BK)
25 pcs.
6;10-12;25
111-15609
T150L
8.9
820.0
245.0
780
PA66HS
Black (BK)
25 pcs.
6;10-12;25
111-15410
T150XL
8.9
1,095.0
330.0
780
PA66HS
Black (BK)
25 pcs.
6;10-12;25
111-15510
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
Material specification
please see page 26.
STD
For product specific approvals and specifications please refer to the Appendix.
Recommended Tools
2
3
5
6
8
10
11
12
25
MK20
MK21
MK3PNSP2
EVO7
MK7P
EVO9
EVO9HT
MK9P
EVOcut
549
549
550
552
554
553
553
555
561
For more information on toolings please refer to the Application Tooling chapter.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com