Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T30LL Datasheet(PDF) 2 Page - HellermannTyton.

Part # T30LL
Description  Cable Tie
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

T30LL Datasheet(HTML) 2 Page - HellermannTyton.

  T30LL Datasheet HTML 1Page - HellermannTyton. T30LL Datasheet HTML 2Page - HellermannTyton. T30LL Datasheet HTML 3Page - HellermannTyton. T30LL Datasheet HTML 4Page - HellermannTyton. T30LL Datasheet HTML 5Page - HellermannTyton. T30LL Datasheet HTML 6Page - HellermannTyton. T30LL Datasheet HTML 7Page - HellermannTyton. T30LL Datasheet HTML 8Page - HellermannTyton. T30LL Datasheet HTML 9Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Material
Polyamide 6.6 (PA66)
Operating
Temperature
-40 °C to +85 °C Continuous,
(+105 °C for 500 h)
Flammability
UL94 V2
Article-No. Type
Length
(L)
Width
(W)
Bundle Ø
max.
Min. Tensile
Strength (N)
Material
Colour
Application
Tool
Polyamide 6.6 (PA66)
111-02809 T18S
83
2.3
16.0
80
PA66
Natural (NA)
1–3, 5
111-02811 T18S
83
2.3
16.0
80
PA66
Black (BK)
1–3, 5
111-01910 T18R
100
2.5
22.0
80
PA66
Black (BK)
1–3, 5
111-01919 T18R
100
2.5
22.0
80
PA66
Natural (NA)
1–3, 5
111-02319 T18I
140
2.5
35.0
80
PA66
Natural (NA)
1–3, 5
111-02370 T18I
140
2.5
35.0
80
PA66
Black (BK)
1–3, 5
111-02010 T18L
205
2.5
55.0
80
PA66
Black (BK)
1–3, 5
111-02019 T18L
205
2.5
55.0
80
PA66
Natural (NA)
1–3, 5
111-02519 T25L
240
2.8
65.0
110
PA66
Natural (NA)
1–3, 5
111-02500 T25L
240
2.8
65.0
110
PA66
Black (BK)
1–3, 5
111-02619 T25LL
330
2.8
95.0
110
PA66
Natural (NA)
1–3, 5
111-02601 T25LL
330
2.8
95.0
110
PA66
Black (BK)
1–3, 5
111-03009 T30R
150
3.5
35.0
135
PA66
Natural (NA)
1–3, 5
111-03011 T30R
150
3.5
35.0
135
PA66
Black (BK)
1–3, 5
111-03410 T30L
190
3.5
50.0
135
PA66
Black (BK)
1–3, 5
111-03419 T30L
190
3.5
50.0
135
PA66
Natural (NA)
1–3, 5
111-04400 T30LR
260
3.3
65.0
180
PA66
Natural (NA)
1–5
111-03500 T30LL
290
3.5
80.0
135
PA66
Black (BK)
1–3, 5
111-03529 T30LL
290
3.5
80.0
135
PA66
Natural (NA)
1–3, 5
111-02900 T30XL
365
3.5
105
135
PA66
Natural (NA)
1–3, 5
111-02901 T30XL
365
3.5
105
135
PA66
Black (BK)
1–3, 5
111-03819 T40R
175
4.0
40.0
180
PA66
Natural (NA)
1–5
111-03801 T40R
175
4.0
40.0
180
PA66
Black (BK)
1–5
111-04600 T40I
290
4.0
80.0
180
PA66
Black (BK)
1–5
111-04609 T40I
290
4.0
80.0
180
PA66
Natural (NA)
1–5
111-04300 T40L
365
4.0
105
180
PA66
Natural (NA)
1–5
111-04301 T40L
365
4.0
105
180
PA66
Black (BK)
1–5
All dimensions in mm. Subject to technical changes.
Cable Ties and Fixings
Cable T ies
1.1
44
T18S – T255M
Please Note for Product Specific Approvals please refer to the Appendix
T Series, Polyamide 6.6 (PA66) –
Standard
Material Data
halogenfree
Technical Table
043_054_chapter 1.1_prod 07_08_t-serie_gb_4371_5177.qxp
25.09.2008
10:26
Seite 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com