Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T25LL Datasheet(PDF) 2 Page - HellermannTyton.

Part # T25LL
Description  Cable Ties inside serrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

T25LL Datasheet(HTML) 2 Page - HellermannTyton.

  T25LL Datasheet HTML 1Page - HellermannTyton. T25LL Datasheet HTML 2Page - HellermannTyton. T25LL Datasheet HTML 3Page - HellermannTyton. T25LL Datasheet HTML 4Page - HellermannTyton. T25LL Datasheet HTML 5Page - HellermannTyton. T25LL Datasheet HTML 6Page - HellermannTyton. T25LL Datasheet HTML 7Page - HellermannTyton. T25LL Datasheet HTML 8Page - HellermannTyton. T25LL Datasheet HTML 9Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Material
Polyamide 6.6 (PA66)
Operating
Temperature
-40 °C to +85 °C Continuous,
(+105 °C for 500 h)
Flammability
UL94 V2
Cable T i es and Fixings
Cable T i es Inside Serrated
1.2
68
Article-No. Type
Length
(L)
Width
(W)
Bundle
Ø max.
Min. Tensile Strength
(N)
Material
Colour
Application
Tool
Polyamide 6.6 (PA66)
111-02809 T18S
83
2.3
16.0
80
PA66
Natural (NA)
1–3, 5
111-01919
T18R
100
2.5
22
80
PA66
Natural (NA)
1–3, 5
111-02319
T18I
145
2.5
35.0
80
PA66
Natural (NA)
1–3, 5
111-02119
T18L
205
2.5
55
80
PA66
Natural (NA)
1–3, 5
111-02519
T25L
240
2.8
65.0
110
PA66
Natural (NA)
1–3, 5
111-02619
T25LL
330
2.8
95.0
110
PA66
Natural (NA)
1–3, 5
111-03219
T30R
150
3.5
35
135
PA66
Natural (NA)
1–3, 5
111-03419
T30L
198
3.5
50
135
PA66
Natural (NA)
1–3, 5
111-03549
T30LL
290
3.5
80.0
135
PA66
Natural (NA)
1–3, 5
111-03819
T40R
175
4.0
40.0
180
PA66
Natural (NA)
1–5
111-05819
T50S
150.0
4.6
35.0
225
PA66
Natural (NA)
1–10
111-05013
T50R
200
4.6
50.0
225
PA66
Natural (NA)
1–10
111-06201
T50M
245
4.6
65.0
225
PA66
Natural (NA)
1–10
111-05219
T50I
300
4.6
85.0
225
PA66
Natural (NA)
1–10
111-05409
T50L
390
4.6
110
225
PA66
Natural (NA)
1–10
111-05019
T80R
210
4.7
55
355
PA66
Natural (NA)
1–10
111-08229
T80I
300
4.7
85
355
PA66
Natural (NA)
1–10
111-05419
T80L
390
4.7
110
355
PA66
Natural (NA)
1–10
111-12829
T120S
225.0
7.6
55.0
535
PA66
Natural (NA)
6–10
111-12219
T120I
300
7.6
80.0
535
PA66
Natural (NA)
6–10
111-12019
T120R(E)
387
7.6
100
535
PA66
Natural (NA)
6–10
111-12619
T120M
460
7.6
130
535
PA66
Natural (NA)
6–10
111-12704
T120XM
600
7.6
175
535
PA66
Natural (NA)
6–10
111-12429
T120L
760
7.6
225
535
PA66
Natural (NA)
6–10
111-14819
T150R
365
7.6
100
670
PA66
Natural (NA)
6–10
111-15619
T150M
525
8.9
150
780
PA66
Natural (NA)
6–9
111-15419
T150L
820
8.9
245
780
PA66
Natural (NA)
6–9
111-15519
T150XL
1095
8.9
330
780
PA66
Natural (NA)
6–9
111-15304
T150XLL
1325
8.9
405
780
PA66
Natural (NA)
6–9
111-24705
T250S
225
12.5
55.0
1115
PA66
Natural (NA)
7-9
111-25103
T250X
370
12.5
100
1115
PA66
Natural (NA)
7-9
111-24803
T250R
520
12.5
145
1115
PA66
Natural (NA)
7-9
111-25002
T250M
565
12.5
150
1115
PA66
Natural (NA)
7-9
111-25219
T250I
725
12.5
203
1115
PA66
Natural (NA)
7-9
111-00466
T250XL
1030
12.5
305
1115
PA66
Natural (NA)
7-9
All dimensions in mm. Subject to technical changes.
• T-Series in PA66 natural
Please note! Not all products listed on this page may have this
approval. For product specific approvals please refer to the
Appendix.
Cable Ties Polyamide 6.6 standard
halogenfree
Material Data
Technical Table
Date of issue: April 2011



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com