Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1540 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1540
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1540 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1540 Datasheet HTML 1Page - STMicroelectronics SD1540 Datasheet HTML 2Page - STMicroelectronics SD1540 Datasheet HTML 3Page - STMicroelectronics SD1540 Datasheet HTML 4Page - STMicroelectronics SD1540 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C1
: 100pF Chip Capacitor Across .120 Sq. Gap
C2
: .6 - 4.5pF JOHANSON
C3
: 470pF Chip Capacitor Across .120 Sq. Gap
C4, C5 : .35 - 3.5pF
L1
: 2 3/4 Turns Diameter 16 Tinned .125 I.D.
.215 Long
L2
: 2 3/4 Turns Diameter 20 Tinned .090 I.D.
.220 Long
Z1
: .395 x .083
Z2
: .250 x .340
Z3
: .495 x .083
Z4
: .360 x 1.193
Z5
: .485 x 1.2
Z6
: .520 x .035
Z7
: .270 x .330
Z8
: .270 x .110
All Dimension are in Inches
TEST CIRCUIT
SD1540
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com