Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX646 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74LCX646
Description  Fast CMOS 3.3V 8-Bit Registered Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX646 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74LCX646 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX646 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX646 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX646 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LCX646 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI74LCX646
PI74LCX652
3.3V 8-BIT REGISTERED TRANSCEIVER
2
PS2104A 02/07/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Inputs
DATA I/O
(2)
Function/Operation
GAB
GBA
CPAB
CPBA
SAB
SBA
A0-A7
B0-B7
Isolation
L
H
H or L
H or L
X
X
Input
Input
Store A and B Data
L
H
↑↑
XX
Store A, Hold B
X
H
↑
H or L
X
X
Input
Unspecified(1)
Store A in Both Registers
H
H
↑↑
X
(2)
X
Input
Output
Hold A, Store B
L
X
H or L
↑
X
X
Unspecified(1)
Input
Store B in Both Registers
L
L
↑↑
XX
(2)
Output
Input
Real Time B Data to A Bus
L
L
X
X
X
L
Output
Input
Stored B Data to A Bus
L
L
X
H or L
X
H
Real Time A Data to B Bus
H
H
X
X
L
X
Input
Output
Stored A Data to B Bus
H
H
H or L
X
H
X
Stored A Data to B Bus and
H
L
H or L
H or L
H
H
Output
Output
Stored B Data to A Bus
Pin Name
Description
A0-A7
Data Register A Inputs
Data Register B Outputs
B0-B7
Data Register B Inputs
Data Register A Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Output Data Source SelectInputs
DIR, G
Output Enable Inputs (LCX646)
GAB, GBA
Output Enable Inputs (LCX652)
GND
Ground
VCC
Power
Product Pin Description
CPAB
SAB
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
CPBA
SBA
G
B0
B1
B2
B3
B4
B5
B6
B7
24-PIN
H24
L24
Q24
S24
PI74LCX646
Product Pin Configuration
CPAB
SAB
GAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
CPBA
SBA
GBA
B0
B1
B2
B3
B4
B5
B6
B7
24-PIN
H24
L24
Q24
S24
PI74LCX652
Product Pin Configuration
PI74LCX646 Truth Table
Inputs
DATA I/O
(2)
Function/Operation
G
DIR
CPAB
CPBA
SAB
SBA
A0-A7
B0-B7
Isolation
H
X
H or L
H or L
X
X
Input
Input
Store A and B Data
H
X
↑↑
XX
Real Time B Data to A Bus
L
L
X
X
X
L
Output
Input
Stored B Data to A Bus
L
L
X
H or L
X
H
Real Time A Data to B Bus
L
H
X
X
L
X
Input
Output
Stored A Data to B Bus
L
H
H or L
X
H
X
PI74LCX652 Truth Table
Notes:
1. The data output functions may be enabled or disabled by various signals at the GAB or GBA inputs. Data
input functions are always enabled, i.e., data at the bus pins will be stored on every low-to-high transition
on the clock inputs.
2. Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered to load both registers.
H = High Voltage Level; L = Low Voltage Level; X = Don't Care;
↑ = LOW-to-HIGH transition
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com