Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1541-1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1541-1
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1541-1 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1541-1 Datasheet HTML 1Page - STMicroelectronics SD1541-1 Datasheet HTML 2Page - STMicroelectronics SD1541-1 Datasheet HTML 3Page - STMicroelectronics SD1541-1 Datasheet HTML 4Page - STMicroelectronics SD1541-1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TEST CIRCUIT
All Dimensions in Inches Unless Otherwise specified
C1
: 0.4 - 2.5pF Johanson Gigatrim
C2, C3,
C4
: 0.6 - 4.5pF Johanson Gigatrim
C5
: 82pF Chip Capacitor, .055 Sq.
L1
: Loop, #18 Tinned, .36 Wide x .27 above Circuit
L2
: 4 3/4 Turns, #24 En., C.W., .075 I.D.
Z1
: 50
Ω(.02 Wide)
Z2
: .250 x .120
Z3
: 50
Ω .020 x .330; C1 tapped .15 from Load
Z4
: .145 x .920
Z5
: .325 x .180
Z6
: .730 x .315
Z7
: .710 x .425 with .140 x .150 cutout
Z8
: .35 x .780; C4 Tapped .36 from Cen
Z9
: 50
Ω
C1, C4 : Cold End Terminated Through Eyelet.
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZCL (Ω)
1020 MHz
2.898 + j 4.1
1.382
− j 3.2
1090 MHz
2.325 + j 3.4
1.338
− j 2.8
1150 MHz
1.994 + j 2.8
1.269
− j 2.5
SD1541-01
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com