Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR25-35CTB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBYR25-35CTB
Description  Rectifier diodes schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBYR25-35CTB Datasheet(HTML) 4 Page - NXP Semiconductors

  PBYR25-35CTB Datasheet HTML 1Page - NXP Semiconductors PBYR25-35CTB Datasheet HTML 2Page - NXP Semiconductors PBYR25-35CTB Datasheet HTML 3Page - NXP Semiconductors PBYR25-35CTB Datasheet HTML 4Page - NXP Semiconductors PBYR25-35CTB Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR2545CTB series
schottky barrier
MECHANICAL DATA
Dimensions in mm
Net Mass: 1.4 g
Fig.7. SOT404 : centre pin connected to mounting base.
Notes
1. Epoxy meets UL94 V0 at 1/8".
11 max
4.5 max
1.4 max
10.3 max
0.5
15.4
2.5
0.85 max
(x2)
2.54 (x2)
August 1996
4
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com