Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR25-40CTB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYR25-40CTB
Description  Rectifier diodes schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBYR25-40CTB Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYR25-40CTB Datasheet HTML 1Page - NXP Semiconductors PBYR25-40CTB Datasheet HTML 2Page - NXP Semiconductors PBYR25-40CTB Datasheet HTML 3Page - NXP Semiconductors PBYR25-40CTB Datasheet HTML 4Page - NXP Semiconductors PBYR25-40CTB Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR2545CTB series
schottky barrier
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Dual low leakage, platinum barrier,
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
schottky rectifier diodes in a plastic
envelope
suitable
for
surface
PBYR25-
35CTB 40CTB 45CTB
mounting,
featuring
low
forward
V
RRM
Repetitive peak reverse
35
40
45
V
voltage drop, absence of stored
voltage
charge. and guaranteed reverse
V
F
Forward voltage
0.62
0.62
0.62
V
surge capability. The devices are
I
O(AV)
Average output current
30
30
30
A
intended for use in switched mode
(both diodes conducting)
power supplies and high frequency
circuits
in
general
where
low
conduction and zero switching losses
are important.
PINNING - SOT404
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
anode 1
2
cathode
3
anode 2
mb
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-35
-40
-45
V
RRM
Repetitive peak reverse voltage
-
35
40
45
V
V
RWM
Crest working reverse voltage
-
60
80
100
V
V
R
Continuous reverse voltage
T
mb ≤ 136 ˚C
-
35
40
45
V
I
O(AV)
Average output current (both
square wave;
δ = 0.5;
-
30
A
diodes conducting)
T
mb ≤ 130 ˚C
I
O(RMS)
RMS output current (both
-
43
A
diodes conducting)
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
mb ≤ 130 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
135
A
current, per diode
t = 8.3 ms
-
150
A
sinusoidal T
j = 125 ˚C prior
to surge; with reapplied
V
RRM(max)
I
2tI2t for fusing
t = 10 ms
-
91
A
2s
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
1
A
per diode.
I
RSM
Non-repetitive peak reverse
t
p = 100 µs-
1
A
current per diode.
T
stg
Storage temperature
-65
175
˚C
T
j
Operating junction temperature
-
150
˚C
13
mb
2
k
a1
a2
1
2
3
August 1996
1
Rev 1.000


Similar Part No. - PBYR25-40CTB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYR2520CT PHILIPS-PBYR2520CT Datasheet
34Kb / 5P
Rectifier diodes schottky barrier
January 1997 Rev 1.000
PBYR2525CT PHILIPS-PBYR2525CT Datasheet
34Kb / 5P
Rectifier diodes schottky barrier
January 1997 Rev 1.000
PBYR2540CT PHILIPS-PBYR2540CT Datasheet
42Kb / 6P
Rectifier diodes Schottky barrier
October 1998 Rev 1.400
PBYR2540CTB PHILIPS-PBYR2540CTB Datasheet
42Kb / 6P
Rectifier diodes Schottky barrier
October 1998 Rev 1.400
PBYR2540CTF PHILIPS-PBYR2540CTF Datasheet
43Kb / 6P
Rectifier diodes Schottky barrier
October 1998 Rev 1.300
More results

Similar Description - PBYR25-40CTB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com