Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS-1 Datasheet(PDF) 2 Page - Mini-Circuits

Part # PAS-1
Description  ATTENUATORS/SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PAS-1 Datasheet(HTML) 2 Page - Mini-Circuits

  PAS-1 Datasheet HTML 1Page - Mini-Circuits PAS-1 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
183
TFAS-1SM*
2-400
DC-0.05
1.4 2.0
1.6 3.0
20
<
25
65
45
45 33
35
25
0.1
0.1
1.0
2.0
NNN150
cm
13.95
TFAS-2SM**
10-1000
DC-0.5
3.7 4.5
5.0 8.0
17
O
25
50
30
42 20
31
20
0.1
0.2
2.0
3.0
NNN150
cm
17.95
SYAS-1*
2-400
DC-0.05
1.4 2.0
1.6 3.0
20
<
25
65
45
45 33
35
25
0.1
0.1
1.0
2.0
TTT167
ck
9.95
SYAS-2**
10-1000
DC-0.05
4.0 6.0
4.5 7.0
17
O
25
59
40
42 28
28
20
0.1
0.3
2.0
3.0
TTT167
ck
13.95
SYAS-860**
600-1000
DC-0.5
—
—
2.7 5.7
14
25
25
(typ.)
18 (min.)
—
0.5
—
4.0
TTT166
ck
15.95
RAS-1**
2-400
DC-0.05
1.4 2.4
1.6 3.2
20R
25
65
45
45 28
32
22
0.10
0.1
1.0
2.0
TT241
ge
7.95
n RAS-2-75**
10-1000
DC-0.05
4.1 6.0
4.5 7.5
20
25
58
40
42 28
39
20
0.15
0.3
1.5
3.0
TT240
cj
9.95
n LRAS-2-75**
10-1000
DC-0.05
4.1 6.0
4.5 7.5
20
25
58
40
42 28
39
20
0.15
0.3
1.5
3.0
QQQ130
cj
9.95
TFAS-SM
RAS
SYAS
LRAS
L = low range [f
L to 10 fL]
M = mid range [10f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
pin and coaxial connections
see case style outline drawings for pin locations
PORT
cf
cg
ch
cj
ck
cm
ge
INPUT
1
1
1
4
1
1
4
OUTPUT
8
8
8
1
2
4
1
CONTROL
3,4 ^
3,4 ^
3
5
3
2
5
GND EXT.
2,5,6,7
2,5,6,7
2,5,6,7
2,3,6
4,5,6
3
2,3,6
CASE GND
2
2,5,6,7
2,5,6,7
—
—
3
—
NOT USED
—
—
4
—
—
—
—
^ Pins must be connected together externally.
NSN GUIDE
MCL NO.
NSN
PAS-1
5985-01-282-2105
PAS-2
5985-01-192-0100
PAS-3
5895-01-067-3035
FREQUENCY
MHz
MODEL
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
IN-OUT
ISOLATION, dB
(0 mA)
INSERTION LOSS
dB
(±20 mA)
∆∆∆∆∆ AMP
(dB)
Phase(deg)
deviation
from 180°
U
Typ. Min.
M
Typ. Min.
L
Typ. Min.
Mid-Band
m
f
L
-f
U
IN
CON
Typ. Max.
Total
Range
Typ. Max.
MAX. INPUT PWR
dBm
(±20 mA)
1 dB
compr.
no
damage
Total
Range
m
Total
Range
m
BI-PHASE X
(±20 mA) Typ.
Surface Mount t
suggested control port biasing configuration



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com