Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # PAS-2
Description  ATTENUATORS/SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PAS-2 Datasheet(HTML) 1 Page - Mini-Circuits

  PAS-2 Datasheet HTML 1Page - Mini-Circuits PAS-2 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
PAS-1*
5-450
DC-0.05
3.5 4.0
3.5 4.7
20
29
65
50
45 35
35
25
0.1
0.1
0.5
1.2
A01
cf
33.95
PAS-2*
10-1000
DC-0.05
4.0 6.0
6.5 8.5
20
29
50
40
40 30
35
25
0.1
0.3
0.5
1.0
A01
cg
47.95
PAS-3*
1-200
DC-0.05
1.4 2.0
1.6 2.5
15
29
65
50
50 40
50
35
0.1
0.1
0.5
1.0
A01
cf
34.95
PAS-2000**
100-2000
DC-0.5
4.2 6.5
5.4 7.5
19R
25
30
22
—
—
26
20
0.3
0.4
5.0
8.0
A05
ch
24.95
o TFAS-1*
2-400
DC-0.05
1.4 2.0
1.6 3.0
20<
25
65
45
45 33
35
25
0.1
0.1
1.0
2.0
B02
cm
13.95
o TFAS-2**
10-1000
DC-0.5
3.7 4.5
5.0 8.0
17O
25
50
30
42 20
31
20
0.1
0.2
2.0
3.0
B02
cm
17.95
o GAS-1**
5-450
DC-0.05
3.3
4
3.5 5.0
20
25
60
48
45 35
35
25
0.10
0.1
1.0
1.5
A05
cf
13.95
o GAS-2**
10-1000
DC-0.05
4.3
6
5.2 8.5
20
25
55
40
35 25
28
20
0.10
0.3
1.5
3.0
A05
cg
15.95
TFAS
PAS
GAS
NOTES:
*
Recommended for electronic attenuator
**
Recommended for bi-phase modulator
n
Denotes 75 Ohm model.
o
Non-hermetic
R
+15 dBm from 100-800 MHz
<
+15 dBm from 2-10 MHz
O +13 dBm from 10-500 MHz
A.
General Quality Control Procedures, Environmental Specifica-
tions, Hi-Rel and MIL description are given in
General Information (Section 0).
B.
Connector types and case mounted options, case finishes are
given in section 0, see “Case styles & Outline Drawings”.
C.
Prices and specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a. Control current, 30mA
1b. Max. Power at room temperature
2.
Performance specifications apply for input power up to 10 dB
below stated 1dB compression;
example: +5dBm in 2-10MHz range for TFAS-1, TFAS-1SM
L = low range [f
L to 10 fL]
M = mid range [10f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
182
FREQUENCY
MHz
MODEL
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
IN-OUT
ISOLATION, dB
(0 mA)
INSERTION LOSS
dB
(±20 mA)
∆∆∆∆∆ AMP
(dB)
Phase(deg)
deviation
from 180°
U
Typ. Min.
M
Typ. Min.
L
Typ. Min.
Mid-Band
m
f
L-fU
IN
CON
Typ. Max.
Total
Range
Typ. Max.
MAX. INPUT PWR
dBm
(±20 mA)
1 dB
compr.
no
damage
Total
Range
m
Total
Range
m
BI-PHASE X
(±20 mA) Typ.
BI-PHASE 1 MHz to2 GHz
50 & 75
Ω
Plug-In
ATTENUATORS/SWITCHES


Similar Part No. - PAS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAS-2 MINI-PAS-2 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
PAS-2 MINI-PAS-2 Datasheet
203Kb / 1P
Attenuator/Switch
PAS-2+ MINI-PAS-2+ Datasheet
203Kb / 1P
Attenuator/Switch
PAS-2000 MINI-PAS-2000 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
More results

Similar Description - PAS-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
logo
Mini-Circuits
PAS-2000 MINI-PAS-2000 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005_15 Datasheet
563Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
logo
AVAGO TECHNOLOGIES LIMI...
5082-0012 AVAGO-5082-0012 Datasheet
52Kb / 2P
PIN Diode Chip for Hybrid MIC Switches/Attenuators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com