Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CEUN-CE Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # LUW-CEUN-CE
Description  OSLON® Compact CM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-CEUN-CE Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button LUW-CEUN-CE Datasheet HTML 15Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 16Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 17Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 18Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 19Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 20Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 21Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 22Page - ams-OSRAM AG LUW-CEUN-CE Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LUW CEUN.CE
DATASHEET
DATASHEET
19 | Version 1.7 | 2024-03-12
C
Chhiipp TTeecchhnnoollooggyy::
PP::
power performance (>= 500µm)
N
N::
high performance (>= 500µm)
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
U
U::
OSLON Compact with CLC layer ceramic
C
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
C
CIIEE 11993311//EEm
miissssiioonn ccoolloorr::
U
UW
W:: ultra white
LL:: Light
emitting
diode
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
EE::
OSLON Compact AlN based for Automotive
(Project Mini PowerLED)
SSppeecciiaall C
Chhaarraacctteerriissttiiccss
C
C::
intermediate cold white
H
H::
YE4
PPaacckkaaggee TTyyppee
C
C:: CERAMOS, OSLON
(ceramic), OSLON
Compact
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
U
UW
W
C
C
EE
U
U
N
N
..
C
C
EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com