Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPLSI3192 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPLSI3192 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Specifications ispLSI 3192
7
Internal Timing Parameters1
Over Recommended Operating Conditions
R
E
T
E
M
A
R
A
P
#2
N
O
I
T
P
I
R
C
S
E
D
0
0
1
-0
7
-
S
T
I
N
U
.
N
I
M.
X
A
M.
N
I
M.
X
A
M
s
t
u
p
n
I
t
p
b
o
i
4
2s
s
a
p
y
B
r
e
t
s
i
g
e
R
O
/
I—
3
.
1—9
.
1s
n
t
t
a
l
o
i
5
2y
a
l
e
D
h
c
t
a
L
O
/
I—
2
.
9—
9
.
1
1s
n
t
u
s
o
i
6
2k
c
o
l
C
e
r
o
f
e
b
e
m
i
T
p
u
t
e
S
r
e
t
s
i
g
e
R
O
/
I5
.
6—3
.
9—
s
n
t h
o
i
7
2k
c
o
l
C
r
e
t
f
a
e
m
i
T
d
l
o
H
r
e
t
s
i
g
e
R
O
/
I
0
.
3
-—
3
.
4
-—
s
n
t
o
c
o
i
8
2y
a
l
e
D
t
u
O
o
t
k
c
o
l
C
r
e
t
s
i
g
e
R
O
/
I—
3
.
3—9
.
5s
n
t r
o
i
9
2y
a
l
e
D
t
u
O
o
t
t
e
s
e
R
r
e
t
s
i
g
e
R
O
/
I—
3
.
3—9
.
3s
n
P
R
G
t p
r
g
0
3y
a
l
e
D
P
R
G—
4
.
1—1
.
2s
n
B
L
G
t
p
b
t
p
4
1
3)
.
b
m
o
C
(
y
a
l
e
D
h
t
a
P
s
s
a
p
y
B
m
r
e
T
t
c
u
d
o
r
P
4—
3
.
4—8
.
7s
n
t
r
b
t
p
4
2
3)
.
g
e
R
(
y
a
l
e
D
h
t
a
P
s
s
a
p
y
B
m
r
e
T
t
c
u
d
o
r
P
4—
5
.
5—4
.
7s
n
t
r
o
x
t
p
1
3
3y
a
l
e
D
h
t
a
P
R
O
X
/
m
r
e
T
t
c
u
d
o
r
P
1—
0
.
6—3
.
8s
n
t
r
o
x
t
p
0
2
4
3y
a
l
e
D
h
t
a
P
R
O
X
/
m
r
e
T
t
c
u
d
o
r
P
0
2—
5
.
6—4
.
9s
n
t
j
d
a
r
o
x
5
3y
a
l
e
D
h
t
a
P
t
n
e
c
a
j
d
A
R
O
X
3
—1
.
7—
3
.
0
1s
n
t
p
b
g
6
3y
a
l
e
D
s
s
a
p
y
B
r
e
t
s
i
g
e
R
B
L
G—
3
.
0—4
.
0s
n
t
u
s
g
7
3k
c
o
l
C
e
r
o
f
e
b
e
m
i
T
p
u
t
e
S
r
e
t
s
i
g
e
R
B
L
G2
.
0—7
.
1—
s
n
t h
g
8
3k
c
o
l
C
r
e
t
f
a
e
m
i
T
d
l
o
H
r
e
t
s
i
g
e
R
B
L
G5
.
3—3
.
5—
s
n
t
o
c
g
9
3y
a
l
e
D
t
u
p
t
u
O
o
t
k
c
o
l
C
r
e
t
s
i
g
e
R
B
L
G—
1
.
0—7
.
1s
n
t o
r
g
0
4y
a
l
e
D
t
u
p
t
u
O
o
t
t
e
s
e
R
r
e
t
s
i
g
e
R
B
L
G—
4
.
2—8
.
2s
n
t
e
r
t
p
1
4y
a
l
e
D
r
e
t
s
i
g
e
R
o
t
t
e
s
e
R
m
r
e
T
t
c
u
d
o
r
P
B
L
G—
0
.
5—5
.
7s
n
t
e
o
t
p
2
4y
a
l
e
D
ll
e
C
O
/
I
o
t
e
l
b
a
n
E
t
u
p
t
u
O
m
r
e
T
t
c
u
d
o
r
P
B
L
G—
6
.
7—2
.
9s
n
t
k
c
t
p
3
4y
a
l
e
D
k
c
o
l
C
m
r
e
T
t
c
u
d
o
r
P
B
L
G9
.
49
.
54
.
78
.
8s
n
P
R
O
t p
r
o
4
4y
a
l
e
D
P
R
O—
1
.
1—7
.
1s
n
t
p
b
p
r
o
5
4y
a
l
e
D
s
s
a
p
y
B
P
R
O—
6
.
0—7
.
0s
n
.
y
l
n
o
e
c
n
e
r
e
f
e
r
r
o
f
e
r
a
d
n
a
d
e
t
s
e
t
t
o
n
e
r
a
s
r
e
t
e
m
a
r
a
P
g
n
i
m
i
T
l
a
n
r
e
t
n
I
.
1
.
s
li
a
t
e
d
r
e
h
t
r
u
f
r
o
f
t
e
e
h
s
a
t
a
d
s
i
h
t
n
i
l
e
d
o
M
g
n
i
m
i
T
o
t
r
e
f
e
R
.
2
.
s
o
r
c
a
m
d
r
a
h
y
b
d
e
s
u
e
b
y
l
n
o
n
a
c
h
t
a
p
t
n
e
c
a
j
d
a
R
O
X
e
h
T
.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com