Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6D Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # G6D
Description  MINIATURE GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

G6D Datasheet(HTML) 1 Page - VoltarisTech Inc

  G6D Datasheet HTML 1Page - VoltarisTech Inc G6D Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G6A THRU G6M
MINIATURE
GLASS PASSIVATED RECTIFIER
VOLTAGE: 50 TO 1000V
CURRENT: 1.0A
FEATURE
R - 1
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
Glass Passivated chip
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
G6A
G6B
G6D
G6G
G6J
G6K
G6M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8
" lead length at Ta =75°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Instantaneous Forward Voltage at
rated forward current
Vf
1.1
V
Maximum full load reverse current
full cycle at TL =75°C
Ir(av)
30.0
µ
A
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
50.0
µ
A
µ
A
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Operating Temperature
(Note 2)
R(ja)
50.0
°C/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375" lead length, P.C. Board Mounted
Rev.A5, 1-Jun-04
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - G6D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6D GULFSEMI-G6D Datasheet
835Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6D OMRON-G6D Datasheet
164Kb / 4P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G6D-1A DC24 OMRON-G6D-1A DC24 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
More results

Similar Description - G6D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CG2 GE-CG2 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1 Datasheet
180Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
HER1G1 GOOD-ARK-HER1G1 Datasheet
164Kb / 2P
MINIATURE HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
RL101G GOOD-ARK-RL101G Datasheet
182Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
CGP15 VISHAY-CGP15 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
Miniature Glass Passivated Ultrafast Bridge Rectifier
14-Jan-08
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
BY127MGP VISHAY-BY127MGP Datasheet
87Kb / 4P
Miniature Glass Passivated Junction Rectifier
20-Jan-11
BYX10GP VISHAY-BYX10GP_V01 Datasheet
71Kb / 4P
Miniature Glass Passivated Junction Rectifier
05-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com