Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS553
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS553 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS553 Datasheet HTML 1Page - Renesas Technology Corp ICS553 Datasheet HTML 2Page - Renesas Technology Corp ICS553 Datasheet HTML 3Page - Renesas Technology Corp ICS553 Datasheet HTML 4Page - Renesas Technology Corp ICS553 Datasheet HTML 5Page - Renesas Technology Corp ICS553 Datasheet HTML 6Page - Renesas Technology Corp ICS553 Datasheet HTML 7Page - Renesas Technology Corp ICS553 Datasheet HTML 8Page - Renesas Technology Corp ICS553 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553
IDT® LOW SKEW 1 TO 4 CLOCK BUFFER
1
ICS553
REV N 051310
Description
The ICS553 is a low skew, single input to four output,
clock buffer. Part of IDT’s ClockBlocksTM family, this is
our lowest skew, small clock buffer.
See the ICS552-02 for a 1 to 8 low skew buffer. For
more than eight outputs, see the MK74CBxxx
BuffaloTM series of clock drivers.
IDT makes many non-PLL and PLL based low skew
output devices as well as Zero Delay Buffers to
synchronize clocks. Contact us for all of your clocking
needs.
Features
• Extremely low skew outputs (50 ps maximum)
• Packaged in 8-pin SOIC
• Pb (lead) free package
• Low power CMOS technology
• Operating voltages of 2.5 V to 5 V
• Output Enable pin tri-states outputs
• 5 V tolerant input clock
• Commercial (0 to +70°C) and Industrial (-40 to
+85°C) temperature ranges available
Block Diagram
Q0
ICLK
Q1
Q2
Q3
Output Enable


Similar Part No. - ICS553

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS553M ICST-ICS553M Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MILF ICST-ICS553MILF Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MILFT ICST-ICS553MILFT Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
More results

Similar Description - ICS553

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com