Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1542 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1542
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1542 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1542 Datasheet HTML 1Page - STMicroelectronics SD1542 Datasheet HTML 2Page - STMicroelectronics SD1542 Datasheet HTML 3Page - STMicroelectronics SD1542 Datasheet HTML 4Page - STMicroelectronics SD1542 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TEST CIRCUIT
C1, C2,
C3
: .8 - 4.8pF Gigatrim
C4
: 120pF Chip Capacitor
C5
: 680pF Chip Capacitor
C6
: 1000
µF 63Vdc Electrolytic
C7
: 56pF Chip Capacitor
L1
: 100mils Wide Brass Strip
L2
: #18 AWG Wire
Z1
: 510 mils x 20mils
Z2
: 120mils x 380mils
Z3
: 210mils x 20mils
Z4
: 270mils x 725mils
Z5
: 400mils x 720mils
Z6
: 340mils x 20 mils
Z7
: 245mils x 20 mils
CIRCUIT BOARD LAYOUT
SD1542-04
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com