Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1563 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1563
Description  RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1563 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1563 Datasheet HTML 1Page - STMicroelectronics SD1563 Datasheet HTML 2Page - STMicroelectronics SD1563 Datasheet HTML 3Page - STMicroelectronics SD1563 Datasheet HTML 4Page - STMicroelectronics SD1563 Datasheet HTML 5Page - STMicroelectronics SD1563 Datasheet HTML 6Page - STMicroelectronics SD1563 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 425 MHz
PIN
= 33.5 W
VCE
= 40 V
300
W
PG
f
= 425 MHz
POUT
= 300 W
VCE
= 40 V
9.5
dB
ηcf = 425 MHz
PIN
= 25 W
VCE
= 40 V
55
%
Note:
Pulse W idth
= 250µSec, Duty Cyle = 10%
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 50 mA
IE
= 0mA
65
V
BVCES
IC
= 50 mA
VBE
= 0V
65
V
BVCEO
IC
= 50 mA
IB
= 0mA
28
V
BVEBO
IE
= 10 mA
IC
= 0 mA
3.5
V
ICES
VCE
= 30 V
IE
= 0 mA
7.5
mA
hFE
VCE
= 5V
IC
= 5A
10
100
DYNAMIC
TYPICAL PERFORMANCE
POUT (W)
P.W. (
µSec)
D.C. (%)
TJ (
°Cmax.)
VCC
360
10
10
150
40
350
20
10
150
40
325
100
10
150
40
310
500
10
150
40
300
1000
10
150
40
SD1563
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com