Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5572 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5572
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology LT5572 Datasheet HTML 10Page - Linear Technology LT5572 Datasheet HTML 11Page - Linear Technology LT5572 Datasheet HTML 12Page - Linear Technology LT5572 Datasheet HTML 13Page - Linear Technology LT5572 Datasheet HTML 14Page - Linear Technology LT5572 Datasheet HTML 15Page - Linear Technology LT5572 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5575
13
5575f
APPLICATIONS INFORMATION
The LO input impedance and S11 parameters (without
external matching components) are listed in Table 2.
Table 2. LO Input Impedance
FREQUENCY
(GHz)
INPUT
IMPEDANCE (
Ω)
S11
MAG
ANGLE (°)
0.8
9.6 +j 23.7
0.731
127.9
0.9
13 +j 27.1
0.669
120.4
1.0
17.9 +j 30
0.592
113.2
1.1
24.1 +j 31.7
0.508
106.1
1.2
31.2 +j 31.4
0.421
99.8
1.3
37.5 +j 28.9
0.341
95.1
1.4
41.9 +j 24.6
0.272
93.4
1.5
43.4 +j 20
0.221
96.2
1.6
42.9 +j 16.4
0.189
103.5
1.7
41.2 +j 14.1
0.18
113.1
1.8
39.5 +j 13.1
0.186
120.3
1.9
37.8 +j 13.1
0.201
124.5
2.0
36.6 +j 13.6
0.217
125.6
2.1
35.6 +j 14.6
0.236
125
2.2
35.1 +j 15.7
0.25
123.1
2.3
34.9 +j 17.1
0.264
120.1
2.4
35.1 +j 18.5
0.272
116.6
2.5
35.5 +j 19.9
0.281
113
2.6
36.3 +j 21.2
0.284
109
2.7
37.2 +j 22.5
0.287
105.1
I-Channel and Q-Channel Outputs
Each of the I-channel and Q-channel outputs is internally
connected to VCC through a 65Ω resistor. The output DC
bias voltage is VCC – 1.1V. The outputs can be DC-coupled
or AC-coupled to the external loads. Each single-ended
output has an impedance of 65Ω in parallel with a 5pF
internal capacitor, forming a low-pass filter with a –3dB
corner frequency at 490MHz. The loading resistance
on each output, RLOAD (single-ended), should be larger
than 300Ω to assure full gain. The gain is reduced by
20 • log10(1 + 65Ω/RLOAD) in dB when the output port is
terminated by RLOAD. For instance, the gain is reduced
by 7.23dB when each output pin is connected to a
50Ω load (or 100Ω differentially). The output should be
taken differentially (or by using differential-to-single-
ended conversion) for best RF performance, including
NF and IM2.
The phase relationship between the I-channel output signal
and the Q-channel output signal is fixed. When the LO
input frequency is larger (or smaller) than the RF input
frequency, the Q-channel outputs (QOUT
+, Q
OUT
–) lead (or
lag) the I-channel outputs (IOUT
+, I
OUT
–) by 90°.
When AC output coupling is used, the resulting high-
pass filter’s –3dB roll-off frequency is defined by the RC
constant of the blocking capacitor and RLOAD, assuming
RLOAD >> 65Ω.
Figure 8. I/Q Output Equivalent Circuit
15
16
VCC
IOUT
+
IOUT
–
5575 F08
13
14
QOUT
+
QOUT
–
65
Ω
5pF
65
Ω
65
Ω
65
Ω
5pF
5pF
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com