Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF765S32B Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # DF765S32B
Description  DIELECTRIC FILTER SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

DF765S32B Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  DF765S32B Datasheet HTML 1Page - SIPAT Co,Ltd DF765S32B Datasheet HTML 2Page - SIPAT Co,Ltd DF765S32B Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
DF765S32B
Rev. Date
2005-9-21
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
DIELECTRIC FILTER SPECIFICATION
Part Number: DF765S32B
1.MODEL NUMBER
MODEL NUMBER.
CUSTOMER PART NO.
DF765S32B
2.TEST CONDITION
2-1 TYPICAL CONDITION
: -TEMPERATURE
: 20℃
-HUMIDITY
: 65%RH
2-2 STANDARD CONDITION : -TEMPERATURE
:-40℃ to 85℃
-HUMIDITY
: 45%RH to 85%RH
3.COMPOSITION AND MATERIAL
NO.
NAME
COMPOSITION AND MATERIALS
3-1
RESONATOR
DIELECTRIC MATERIALS
3-2
NUMBER OF POLE
2 POLE
3-3
IN/OUTPUT TERMINALS
Ag or Sn PLATED
3-4
GROUND BASE
Ag or Sn PLATED
4.ELECTRICAL SPECIFICATIONS
NO.
ITEM
SPECIFICATIONS
4-1
CENTER FREQUENCY(fo)
765.0MHz
4-2
BAND WIDTH
±16.0MHz
4-3
INSERTION LOSS IN BW
2.5dB max.
4-4
RIPPLE
0.5dB max.
4-5
V.S.W.R IN BW
1.5 max.
4-6
ATTENUATION
30dB min.
at 485MHz
4-7
INPUT POWER
1 W
4-8
NOMINAL CHARACTERISIC IMPEDANCE
50Ω


Similar Part No. - DF765S32B

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
DF765S32B SIPAT-DF765S32B Datasheet
337Kb / 3P
DIELECTRIC FILTER SPECIFICATION
More results

Similar Description - DF765S32B

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
BP65R765S112 SIPAT-BP65R765S112 Datasheet
403Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C813S15A SIPAT-CMF33C813S15A Datasheet
258Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C858S15A SIPAT-CMF33C858S15A Datasheet
250Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C1762S45A SIPAT-CMF33C1762S45A Datasheet
253Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C1897S35A SIPAT-CMF33C1897S35A Datasheet
251Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF58C2140P160B SIPAT-CMF58C2140P160B Datasheet
869Kb / 12P
DIELECTRIC FILTER SPECIFICATION
DF1284S36B SIPAT-DF1284S36B Datasheet
339Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C1897S35A SIPAT-CMF33C1897S35A Datasheet
257Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF43C1656P23A SIPAT-CMF43C1656P23A Datasheet
370Kb / 4P
DIELECTRIC FILTER SPECIFICATION
DF1284S36B SIPAT-DF1284S36B Datasheet
345Kb / 3P
DIELECTRIC FILTER SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com