Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-GVCP Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LUW-GVCP
Description  Advanced Power TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-GVCP Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LUW-GVCP Datasheet HTML 7Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 8Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 9Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 10Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 11Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 12Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 13Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 14Page - ams-OSRAM AG LUW-GVCP Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LUW GVCP
11 Version 1.8 | 2021-04-28
Max. Permissible Forward Current
I
F = f(T)
0
0˚C
T
IF
mA
OHL04455
20
40
60
80
100
120
140
160
180
200
220
260
20 40 60 80 100
140
S
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D T
2
1
0
-1 10
tp
10 s10
OHL03511
T
tP
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com