Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-H9QP Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LUW-H9QP
Description  OSLON® Black Flat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-H9QP Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LUW-H9QP Datasheet HTML 13Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 14Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 15Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 16Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 17Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 18Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 19Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 20Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LUW H9QP
17 Version 1.13 | 2018-11-15
Tape and Reel 9)
Reel dimensions [mm]
A
W
N
min
W
1
W
2 max
Pieces per PU
180 mm
12 + 0.3 / - 0.1
60
12.4 + 2
18.4
2000
330 mm
12 + 0.3 / - 0.1
60
12.4 + 2
18.4
8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com