Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-JLSH Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LUW-JLSH
Description  TOPLED® E3014
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-JLSH Datasheet(HTML) 2 Page - ams-OSRAM AG

  LUW-JLSH Datasheet HTML 1Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 2Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 3Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 4Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 5Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 6Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 7Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 8Page - ams-OSRAM AG LUW-JLSH Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LUW JLSH
DATASHEET
DATASHEET
2 | Version 1.11 | 2022-06-03
TOPLED® E3014
LUW JLSH
The TOPLED Compact 3014 has a wide beam angle with a
compact format (3.0 mm x 1.4 mm) and is one of the smallest
LED for screen backlighting. It is therefore ideal for injecting in
light guides for homogeneous illumination applications where
the TOPLED Compact 3014 never fails to impress with its per-
formance on system level.
Applications
- Electronic Equipment
- Gaming, Amusement, Gambling
- White Goods
Features
- Package: white SMT package, colored silicone resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120°
- Color: Cx = 0.29, Cy = 0.27 acc. to CIE 1931 (● ultra white)
- Optical efficacy: 100 lm/W
- Corrosion Robustness Class: 1B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com