Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-W5SM Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LUW-W5SM
Description  Golden DRAGON®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-W5SM Datasheet(HTML) 1 Page - ams-OSRAM AG

  LUW-W5SM Datasheet HTML 1Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 2Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 3Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 4Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 5Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 6Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 7Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 8Page - ams-OSRAM AG LUW-W5SM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LUW W5SM
1 Version 1.3 | 2019-08-20
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LUW W5SM
Golden DRAGON®
—
Signalling
Features:
—
Package: white SMD package, colorless clear silicone resin, chip level conversion
—
Chip technology: ThinGaN
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.31, Cy = 0.32 acc. to CIE 1931 (● ultra white)
—
Corrosion Robustness Class: 3B
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - LUW-W5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-W5SM OSRAM-LUW-W5SM Datasheet
524Kb / 21P
white SMD package, colorless clear silicone resin; chip level conversion
More results

Similar Description - LUW-W5SM

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
logo
OSRAM GmbH
LYW5SM OSRAM-LYW5SM Datasheet
645Kb / 21P
Golden DRAGON
LTW5AM OSRAM-LTW5AM Datasheet
1Mb / 23P
Golden DRAGON Plus
LAW5SM OSRAM-LAW5SM_18 Datasheet
1Mb / 22P
Golden DRAGON
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
~16째 diffused spot beam optimized for Osram Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
~15째 spot beam optimized for Golden Dragon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com