Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-E67C Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LW-E67C
Description  Power TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-E67C Datasheet(HTML) 2 Page - ams-OSRAM AG

  LW-E67C Datasheet HTML 1Page - ams-OSRAM AG LW-E67C Datasheet HTML 2Page - ams-OSRAM AG LW-E67C Datasheet HTML 3Page - ams-OSRAM AG LW-E67C Datasheet HTML 4Page - ams-OSRAM AG LW-E67C Datasheet HTML 5Page - ams-OSRAM AG LW-E67C Datasheet HTML 6Page - ams-OSRAM AG LW-E67C Datasheet HTML 7Page - ams-OSRAM AG LW-E67C Datasheet HTML 8Page - ams-OSRAM AG LW-E67C Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LW E67C
DATASHEET
DATASHEET
2 | Version 1.3 | 2022-11-16
Power TOPLED®
LW E67C
PowerTOPLED, a powerful member of the TOPLED family.
Thanks to their high luminous efficacy, the LEDs are ideal for
rear light clusters and indicators on vehicles and for display
panels for traffic control systems.
Applications
- Static Signaling
Features
- Package: white PLCC-4 package, colored diffused resin
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com