Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-P473 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LW-P473
Description  PointLED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-P473 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LW-P473 Datasheet HTML 8Page - ams-OSRAM AG LW-P473 Datasheet HTML 9Page - ams-OSRAM AG LW-P473 Datasheet HTML 10Page - ams-OSRAM AG LW-P473 Datasheet HTML 11Page - ams-OSRAM AG LW-P473 Datasheet HTML 12Page - ams-OSRAM AG LW-P473 Datasheet HTML 13Page - ams-OSRAM AG LW-P473 Datasheet HTML 14Page - ams-OSRAM AG LW-P473 Datasheet HTML 15Page - ams-OSRAM AG LW-P473 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LW P473
DATASHEET
DATASHEET
12 | Version 1.6 | 2023-04-06
Forward Voltage 7)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 10 mA
-0.3
-60
T
OHL02352
-40 -20 0 20 40 60
˚C 100
V
-0.2
-0.1
0.0
0.1
0.2
0.4
j
F
∆V
0.3
Relative Luminous Intensity 7)
I
v/Iv(25 °C) = f(Tj); IF = 10 mA
OHL01870
-60
0
T
˚C
V (25 ˚C)
I
IV
-40 -20 020 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
j
Chromaticity Coordinate Shift 7)
ΔCx, ΔCy = f(T
j); IF = 10 mA
-40 -20
0
20
40
60
80
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆
Cx; ∆Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com