Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB140DS30 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB140DS30
Description  140MHz SAW Filter 0.48MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS30 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB140DS30 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS30 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS30 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS30
Rev. Date
2007-12-14
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
0.48MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS30
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.9
140
140.1
Insertion Loss
dB
-
10.5
12
1dB Bandwidth
MHz
0.48
0.61
-
3 dB Bandwidth
MHz
-
0.9
-
35 dB Bandwidth
MHz
-
1.94
2.1
Passband Variation
dB
-
0.1
0.6
Absolute Delay
usec
-
2.34
-
Phase Linearity(f0±0.2MHz)
deg
-
0.5
-
Group Delay variation(f0±0.25MHz)
nsec
-
80
200
f0±2.5MHz
dB
37
55
-
Ultimate Rejection
f0±20MHz
dB
40
60
-
Material Temperature coefficient
KHz/°C
0.14
Substrate Material
-
QZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1
Package Size
SMD13.3*6.5C
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LB140DS30

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS31 SIPAT-LB140DS31 Datasheet
144Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LB140DS32 SIPAT-LB140DS32 Datasheet
178Kb / 3P
140MHz SAW Filter 6MHz Bandwidth
LB140DS32 SIPAT-LB140DS32 Datasheet
183Kb / 3P
140MHz SAW Filter
LB140DS33 SIPAT-LB140DS33 Datasheet
151Kb / 3P
140MHz SAW Filter 76MHz Bandwidth
LB140DS33 SIPAT-LB140DS33 Datasheet
151Kb / 3P
140MHz SAW Filter
More results

Similar Description - LB140DS30

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11401 SIPAT-LBS11401 Datasheet
289Kb / 3P
114MHz SAW Filter 0.48MHz Bandwidth
LBS11403 SIPAT-LBS11403 Datasheet
279Kb / 3P
114MHz SAW Filter 0.48MHz Bandwidth
LBN14096 SIPAT-LBN14096_10 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
140MHz SAW Filter 26MHz Bandwidth
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
140MHz SAW Filter 13.2MHz Bandwidth
LBS11401 SIPAT-LBS11401 Datasheet
295Kb / 3P
114MHz SAW Filter 0.48MHz Bandwidth
LBS11403 SIPAT-LBS11403 Datasheet
285Kb / 3P
114MHz SAW Filter 0.48MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com