Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P341 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 7
(This specification is subject to change without further notice)
6
Function Description
6.1 Operational Registers
6.1.1 R0 (Indirect Address Register)
R0 is not a physically implemented register. Its major function is to perform as an
indirect address pointer. Any instruction using R0 as a pointer, actually accesses the
data pointed by the RAM Select Register (R4).
6.1.2 R1 (Time Clock /Counter)
Incremented by an external signal edge which is defined by the TE bit (CONT-4)
through the TCC pin, or by the instruction cycle clock.
Writable and readable as any other registers
The TCC prescaler counter (IOCC1) is assigned to TCC
The contents of the IOCC1 register is cleared whenever –
• a value is written to the TCC register.
• a value is written to the TCC prescaler bits (Bits 3, 2, 1, 0 of the CONT register)
• there is power-on reset, /RESET, or WDT time out reset.
6.1.3 R2 (Program Counter) and Stack
A7
~
A0
On-chip Program
Memory
000H
7FFH
003H
Hardware Interrupt Vector
Reset Vector
A9 A8
A10
Stack Level 1
Stack Level 3
Stack Level 2
Stack Level 4
Stack Level 5
CALL
00 PAGE0 0000~03FF
01 PAGE1 0400~07FF
R3
RET
RETL
RETI
Stack Level 6
Stack Level 7
Stack Level 8
021H
~
3FEH
Fig. 6-1 Program Counter Organization
R2 and hardware stacks are 11-bit wide. The structure is depicted in the table
under Section 6.1.3.1, Data Memory Configuration (next page).
Generates 2K
×13 bits on-chip ROM addresses to the relative programming
instruction codes. One program page is 1024 words long.
The contents of R2 are all set to "0"s when a RESET condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com