Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1391000000 Datasheet(PDF) 13 Page - Weidmuller

Part # 1391000000
Description  KLIPPON POK 162609
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1391000000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 1391000000 Datasheet HTML 5Page - Weidmuller 1391000000 Datasheet HTML 6Page - Weidmuller 1391000000 Datasheet HTML 7Page - Weidmuller 1391000000 Datasheet HTML 8Page - Weidmuller 1391000000 Datasheet HTML 9Page - Weidmuller 1391000000 Datasheet HTML 10Page - Weidmuller 1391000000 Datasheet HTML 11Page - Weidmuller 1391000000 Datasheet HTML 12Page - Weidmuller 1391000000 Datasheet HTML 13Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data sheet
KLIPPON POK 162609
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
Depth 15 mm
The Klippon® POK enclosure range is made from a
high-quality glass fibre reinforced polyester and is ideal
for applications and environments where corrosion
resistance, impact resistance and a high IP protection
class are a requirement.
Key features of the extensive product range:
• Available in 17 sizes
• Two standard finishes (colours): grey (similar to RAL
7001 for industrial use) and black (similar to RAL 9011
for harsh environments, Ex)
• Cover with stainless steel screws in cross-head / slotted
design
• Moulded gasket made of silicone or chloroprene
• Fixing holes outside the sealed area to ensure high
ingress protection of IP66
• Impact resistance up to 7 Joules
• Mounting directly in the enclosure or using an internal
mounting plate
• Direct wall mounting possible using fixing holes or
mounting feet
• Fastening thread to attach mounting rails and plates
• Up to E60 fire rating dependent on the configuration
• Weidmüller can manufacture and supply this enclosure
to match customer specifications - fitted with all
necessary terminals and cable glands.
General ordering data
Type
TS35X15 ST POK 1626
Version
Order No.
8000073211
GTIN (EAN) 4064675356585
Qty.
20 ST
Rail, TS 35, TS 35 x 15, with slot, Steel, galvanic zinc plated and
passivated
 
Creation date 20.02.2026 07:11:41 MEZ
 
Catalogue status / Drawings
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com