Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAP335 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # XAP335
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAP335 Datasheet(HTML) 2 Page - Renesas Technology Corp

  XAP335 Datasheet HTML 1Page - Renesas Technology Corp XAP335 Datasheet HTML 2Page - Renesas Technology Corp XAP335 Datasheet HTML 3Page - Renesas Technology Corp XAP335 Datasheet HTML 4Page - Renesas Technology Corp XAP335 Datasheet HTML 5Page - Renesas Technology Corp XAP335 Datasheet HTML 6Page - Renesas Technology Corp XAP335 Datasheet HTML 7Page - Renesas Technology Corp XAP335 Datasheet HTML 8Page - Renesas Technology Corp XAP335 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
Ordering Information
Table 2. Frequency Stability and Operating Temperature Decoder
“Precision” and “Temperature Range” Codes
Operating Temperature
Frequency Stability
Minimum
Maximum
Units
“6” and “I”
-40°C to +85°C
-25
+25
ppm
“5” and “I”
-40°C to +85°C
-50
+50
ppm
“0” and “I”
-40°C to +85°C
-100
+100
ppm
“5” and “K”
-40° to +105°C
-50
+50
ppm
“0” and “K”
-40° to +105°C
-100
+100
ppm
XA
Family and ASIC
L
Output Type
5
Package
3
Voltage
5
Precision
125.000000
Frequency
I
Temperature Range
I: Industrial range: ‐ 40 to +85 °C (Grade 3)
K: Extended range : ‐40 to +105 °C (Grade 2)
125.000000  listed in MHz as example
3 digits before decimal and   6 digits after decimal
000.750000  to 000.999999 75kHz to 999.999kHz
001.000000  to 009.999999 1MHz to 9.999999MHz
010.000000  to 099.999999  10MHz to 99.999999MHz
100.000000  to 999.999999  100MHz to 999.999999MHz
A00.000000  to A99.999999  1000MHz to 1099.999MHz
B00.000000  to B99.999999 1100MHz to 1199.999MHz
C00.000000  to C99.999999  1200MHz to 1299.999MHz
D00.000000  to D50.000000  1300MHz to 1350MHz
  0: ±100ppm
  5: ±50ppm
6: ±25ppm
2: 2.5 VDC ±5%
3: 3.3 VDC ±5%
3: 3.2 x 2.5 mm
 5: 5.0 x 3.2 mm
 H: LVCMOS Enable/Disable Pin 1
L: LVDS Enable/Disable Pin 1
 P: LVPECL Enable/Disable Pin 1
 X: XLVCMOS Comp HCMOS Enable/Disable Pin 1*
XA: 1,000 fs jitter
  
See table below for more details.
See table below for more details.
* XLVCMOS: Complimentary HCMOS where both 
outputs are ON and in opposite phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com