Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD2 Datasheet(PDF) 6 Page - Midas Components

Part # VBWFD2
Description  OLED Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD2 Datasheet(HTML) 6 Page - Midas Components

Back Button VBWFD2 Datasheet HTML 2Page - Midas Components VBWFD2 Datasheet HTML 3Page - Midas Components VBWFD2 Datasheet HTML 4Page - Midas Components VBWFD2 Datasheet HTML 5Page - Midas Components VBWFD2 Datasheet HTML 6Page - Midas Components VBWFD2 Datasheet HTML 7Page - Midas Components VBWFD2 Datasheet HTML 8Page - Midas Components VBWFD2 Datasheet HTML 9Page - Midas Components VBWFD2 Datasheet HTML 10Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Reliability
Content of Reliability Test
Environmental Test
Test Item
Content of Test
Test Condition
Applicable
Standard
High
Temperature
storage
Endurance test applying the high
storage temperature for a long time.
85
℃
240hrs
——
Low
Temperature
storage
Endurance test applying the low storage
temperature for a long time.
-40
℃
240hrs
——
High
Temperature
Operation
Endurance test applying the electric
stress (Voltage & Current) and the
thermal stress to the element for a long
time.
80
℃
240hrs
——
Low
Temperature
Operation
Endurance test applying the electric
stress under low temperature for a long
time.
-40
℃
240hrs
——
High
Temperature/
Humidity
Storage
Endurance test applying the high
temperature and high humidity storage
for a long time.
60
℃,90%RH
240hrs
——
High
Temperature/
Humidity
Operation
Endurance test applying the high
temperature and high humidity
Operation for a long time.
60
℃,90%RH
120hrs
Temperature
Cycle
Endurance test applying the low and
high temperature cycle.
-40
℃ 25℃ 80℃
30min
5min
30min
1 cycle
-40
℃/80℃
30 cycles
——
Mechanical Test
Vibration test
Endurance test applying the vibration
during transportation and using.
Frequency:10~55Hz
amplitude:1.5mm
Time:0.5hrs/axis
Test axis:X,Y,Z
——
Others
Static
electricity test
Endurance test applying the electric
stress to the terminal.
Air Discharge model
±4kv,10 times
——
*** Supply voltage for OLED system =Operating voltage at 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com