Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAX535 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # XAX535
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAX535 Datasheet(HTML) 5 Page - Renesas Technology Corp

  XAX535 Datasheet HTML 1Page - Renesas Technology Corp XAX535 Datasheet HTML 2Page - Renesas Technology Corp XAX535 Datasheet HTML 3Page - Renesas Technology Corp XAX535 Datasheet HTML 4Page - Renesas Technology Corp XAX535 Datasheet HTML 5Page - Renesas Technology Corp XAX535 Datasheet HTML 6Page - Renesas Technology Corp XAX535 Datasheet HTML 7Page - Renesas Technology Corp XAX535 Datasheet HTML 8Page - Renesas Technology Corp XAX535 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
DC Electrical Characteristics
Table 4. 3.3V IDD DC Electrical Characteristics
VDD = 3.3V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Units
IDD
Power Supply Current
LVDS
—
—
—
100
mA
LVPECL
—
—
—
120
LVCMOS
0.75MHz to 20MHz.
—
—
32
20+MHz to 50MHz.
—
—
35
50+MHz to 130MHz.
—
—
47
130+MHz to 200MHz.
—
—
55
200+MHz to 250MHz.
—
—
60
Table 5. 2.5V IDD DC Electrical Characteristics
VDD = 2.5V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Units
IDD
Power Supply Current
LVDS
0.75MHz to 20MHz.
—
—
26
mA
20+MHz to 220MHz.
—
—
34
220+MHz to 630MHz.
—
—
44
630+MHz to 1000MHz.
—
—
65
LVPECL
0.75MHz to 20MHz.
—
—
33
20+MHz to 220MHz.
—
—
41
220+MHz to 630MHz.
—
—
63
630+MHz to 1000MHz.
—
—
72
LVCMOS
0.75MHz to 20MHz.
—
—
22
20+MHz to 50MHz.
—
—
25
50+MHz to 100MHz.
—
—
29
100+MHz to 130MHz.
—
—
32
130+MHz to 160MHz.
—
—
35
160+MHz to 180MHz.
—
—
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com