Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAX536 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # XAX536
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAX536 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button XAX536 Datasheet HTML 2Page - Renesas Technology Corp XAX536 Datasheet HTML 3Page - Renesas Technology Corp XAX536 Datasheet HTML 4Page - Renesas Technology Corp XAX536 Datasheet HTML 5Page - Renesas Technology Corp XAX536 Datasheet HTML 6Page - Renesas Technology Corp XAX536 Datasheet HTML 7Page - Renesas Technology Corp XAX536 Datasheet HTML 8Page - Renesas Technology Corp XAX536 Datasheet HTML 9Page - Renesas Technology Corp XAX536 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
Table 6. LVDS DC Electrical Characteristics
VDD = 3.3V, 2.5V ±5%, TA = -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOD Differential Output Voltage
VDD = 3.3V ±5%.
—
—
0.6
V
VDD = 2.5V ±5%.
—
—
0.4
VOS Output Offset Voltage
VDD = 3.3V ±5%.
—
—
1.3
VDD = 2.5V ±5%.
—
—
1.25
VIH
Enable/Disable Input High Voltage (Output enabled)
—
70% VDD
—
—
VIL
Enable/Disable Input Low Voltage (Output disabled)
—
—
—
30% VDD
Table 7. LVPECL DC Electrical Characteristics
VDD = 3.3V, 2.5V ±5%, TA = -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOD Differential Output Voltage
VDD = 3.3V ±5%.
2.055
2.405
V
VDD = 2.5V ±5%.
—
1.4
—
VOS Output Offset Voltage
VDD = 3.3V ±5%.
1.305
1.65
VDD = 2.5V ±5%.
—
0.68
—
VIH Enable/Disable Input High Voltage (Output enabled)
—
70% VDD
—
—
VIL Enable/Disable Input Low Voltage (Output disabled)
—
—
—
30% VDD
Table 8. LVCMOS DC Electrical Characteristics
VDD = 3.3V, 2.5V ±5%, TA = -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOH Output High Voltage
VDD = 3.3V ±5%.
0.75MHz to 150MHz.
90% VDD
—
—
V
150+MHz to 250MHz.
80% VDD
—
—
VDD = 2.5V ±5%.
0.75MHz to 160MHz.
90% VDD
—
—
160+MHz to 180MHz.
80% VDD
—
—
VOL
Output Low Voltage
VDD = 3.3V ±5%.
0.75MHz to 150MHz.
—
—
10% VDD
150+MHz to 250MHz.
—
—
20% VDD
VDD = 2.5V ±5%.
0.75MHz to 160MHz.
—
—
10% VDD
160+MHz to 180MHz.
—
—
20% VDD
VIH
Enable/Disable Input High Voltage
(Output enabled)
—
—
70% VDD
—
—
VIL
Enable/Disable Input Low Voltage
(Output disabled)
—
—
—
—
30% VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com