Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAX526 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # XAX526
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAX526 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button XAX526 Datasheet HTML 8Page - Renesas Technology Corp XAX526 Datasheet HTML 9Page - Renesas Technology Corp XAX526 Datasheet HTML 10Page - Renesas Technology Corp XAX526 Datasheet HTML 11Page - Renesas Technology Corp XAX526 Datasheet HTML 12Page - Renesas Technology Corp XAX526 Datasheet HTML 13Page - Renesas Technology Corp XAX526 Datasheet HTML 14Page - Renesas Technology Corp XAX526 Datasheet HTML 15Page - Renesas Technology Corp XAX526 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
Package Outline Drawings
The package outline drawings (JS6, JX6) are appended at the end of this document. The package information is the most current data
available.
Marking Diagrams
JX6 3.2 × 2.5 mm Package Option (example based on XLH320010.000000I)
JS6 5.0 × 3.2 mm Package Option (example based on XLH536210.380000I)
Revision History
Revision Date
Description of Change
August 20, 2023
Added “X” option to Output Type in Ordering Information
January 11, 2022
▪ Removed Aging parameters in Table 9 and Table 10.
▪ Added footnote 2 after Table 10.
December 1, 2021
Updated Frequency Stability values in Table 9 and Table 10.
November 23, 2021
Added Frequency Stability and Operating Temperature Decoder table after Ordering Information.
August 18, 2021
Moved Ordering Information table to just after Pin Descriptions.
January 15, 2021
▪ Removed 4-pin package description table, figure, and package drawing references.
▪ Added footnote for pin 5 in Table 1.
▪ Updated “H:” description under “Output Type” in Ordering Information.
January 13, 2021
Added Marking Diagrams section and updated Package Outline Drawings links.
May 24, 2018
Updated LVCMOS Output Clock Duty Cycle, FOUT test condition.
April 27, 2018
Initial release.
▪ Line 1:
• “010” denotes last three digits to the left of the decimal point as shown in the above
example. This number will vary depending upon the frequency value selected in the
orderable part number.
• “YW” denotes the last digit of the year and work week the part was assembled.
▪ Line 1:
• “XL” = family; “H” = output type; “5” = package size; “3” = voltage; “6” = precision level.
This number will vary depending upon the output type, voltage, and precision values
selected in the orderable part number.
▪ Line 2:
• “210” denotes last three digits to the left of the decimal point as shown in the above
example. This number will vary depending upon the frequency value selected in the
orderable part number.
• “YW” denotes the last digit of the year and work week the part was assembled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com