Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6864 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6864 Datasheet HTML 1Page - MOSA ELECTRONICS MS6864 Datasheet HTML 2Page - MOSA ELECTRONICS MS6864 Datasheet HTML 3Page - MOSA ELECTRONICS MS6864 Datasheet HTML 4Page - MOSA ELECTRONICS MS6864 Datasheet HTML 5Page - MOSA ELECTRONICS MS6864 Datasheet HTML 6Page - MOSA ELECTRONICS MS6864 Datasheet HTML 7Page - MOSA ELECTRONICS MS6864 Datasheet HTML 8Page - MOSA ELECTRONICS MS6864 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 1.0
2
www.mosanalog.com
PIN CONFIGURATION
Note: 1. SE: Single Ended.
BTL: Bridged-Tied Load
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
16Pin TSSOP (lead free)
MS6864TGTR
MS6864G
2.5k Units Tape and Reel
16Pin TSSOP (lead free)
MS6864TGU
MS6864G
90 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
TSSOP16 (enhanced thermal pad)
51
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.4
5
5.5
V
Symbol
Pin
Description
VSS
1
Connected to ground
CAP
2
Capacitor connected
RIN
3
Right channel input
AVSS
4
Negative supply voltage
OUTR-
5
SE right channel output or negative
output of BTL right channel
PVDDR
6
Positive supply voltage for right
channel of power amplifier
OUTR+
7
Positive output of BTL right channel
PVSSR
8
Negative supply voltage for right
channel of power amplifier
PVSSL
9
Negative supply voltage for left channel
of power amplifier
OUTL+
10
Positive output of BTL left channel
PVDDL
11
Positive supply voltage for left channel
of power amplifier
OUTL-
12
SE left channel output or negative
output of BTL left channel
AVDD
13
Positive supply voltage
LIN
14
Left channel input
SDA
15
I
2C data input
SCL
16
I
2C clock input
15
14
13
16
2
3
4
1
SCL
SDA
LIN
AVDD
VSS
CAP
RIN
AVSS
11
10
9
12
6
7
8
5
PVDDL
OUTL+
OUTR-
OUTR+
PVSSL
OUTL-
PVDDR
PVSSR
Thermal
Pad
MS6864, TSSOP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com