Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6 Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # GL6
Description  SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

GL6 Datasheet(HTML) 1 Page - VoltarisTech Inc

  GL6 Datasheet HTML 1Page - VoltarisTech Inc GL6 Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL6 THRU GL10
SINGLE PHASE GLASS PASSIVATED
SURFACE MOUNT FLAT BRIDGE RECTIFIER
VOLTAGE: 600 to 1000V
CURRENT: 0.8A
FEATURE
LBF
Ideal for printed circuit board
Glass passivated chip
Reliable low cost construction utilizing
molded plastic
technique
High surge current capability
Small size, simple installation
High temperature soldering guaranteed: 260℃/10 seconds
MECHANICAL DATA
Terminal: Plated leads solderable per J-STD-002
Case:UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
C, unless otherwise stated)
Symbol
GL6
GL8
GL10
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
800
1000
V
Maximum RMS Voltage
Vrms
420
560
700
V
Maximum DC blocking Voltage
Vdc
600
800
1000
V
Maximum Average Forward Rectified Current
on glass-epoxy P.C.B.
If(av)
0.8
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
Ifsm
30
A
Maximum Instantaneous Forward Voltage at forward
current 0.4A
Vf
0.95
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
100.0
A
Typical Thermal resistance
junction to lead
on glass-epoxy P.C.B.
Rth(jl)
Rth(ja)
25
80
℃
/W
Storage and Operating Junction Temperature Range
Tstg, Tj
-55 to +150
℃
Note:
Rev.A2, 30-Jun-16
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - GL6

ManufacturerPart #DatasheetDescription
logo
SICK AG
GL6-E2411V SICK-GL6-E2411V Datasheet
720Kb / 7P
PHOTOELECTRIC SENSORS
GL6-E4411V SICK-GL6-E4411V Datasheet
752Kb / 7P
PHOTOELECTRIC SENSORS
GL6-F2411V SICK-GL6-F2411V Datasheet
720Kb / 7P
PHOTOELECTRIC SENSORS
GL6-F4411V SICK-GL6-F4411V Datasheet
752Kb / 7P
PHOTOELECTRIC SENSORS
GL6-F4511S24 SICK-GL6-F4511S24 Datasheet
2Mb / 9P
PHOTOELECTRIC SENSORS
More results

Similar Description - GL6

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
MB105F PACELEADER-MB105F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
Rectron Semiconductor
UMB05F RECTRON-UMB05F Datasheet
336Kb / 5P
Ultra Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
2018-10/08 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com